Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD7350TL-25.0M-PLE Datasheet(PDF) 13 Page - Pletronics, Inc.

Part # FD7350TL-25.0M-PLE
Description  Multi-Output CMOS Clock Oscillator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD7350TL-25.0M-PLE Datasheet(HTML) 13 Page - Pletronics, Inc.

Back Button FD7350TL-25.0M-PLE Datasheet HTML 9Page - Pletronics, Inc. FD7350TL-25.0M-PLE Datasheet HTML 10Page - Pletronics, Inc. FD7350TL-25.0M-PLE Datasheet HTML 11Page - Pletronics, Inc. FD7350TL-25.0M-PLE Datasheet HTML 12Page - Pletronics, Inc. FD7350TL-25.0M-PLE Datasheet HTML 13Page - Pletronics, Inc. FD7350TL-25.0M-PLE Datasheet HTML 14Page - Pletronics, Inc. FD7350TL-25.0M-PLE Datasheet HTML 15Page - Pletronics, Inc. FD7350TL-25.0M-PLE Datasheet HTML 16Page - Pletronics, Inc. FD7350TL-25.0M-PLE Datasheet HTML 17Page - Pletronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
FD7T Series Multi-Output
CMOS Clock Oscillator
May 2008
www.pletronics.com
425-776-1880
13
5
4
6
7
1
3
2
14
13
8
8
12
10
11
Mechanical:
Inches
mm
A
0.276 +
_0.006
7.00 +
_0.15
B
0.197 +
_0.006
5.00 +
_0.15
C
0.067 max
1.70 max
D
1
0.050
1.27
E
1
0.050
1.27
F
1
0.004
0.10
G
1
0.039
1.00
H
1
0.025
0.63
Contacts
:
Gold 11.8 µinches
0.3 µm minimum over
Nickel 50 to 350 µinches
1.27 to 8.89 µm
1 Typical dimensions
Not to Scale
I
1
0.020
0.50
J
1
0.004r
0.10r
K
1
0.008r
0.20r
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm)
Label is 1" x 2.6" (25.4mm x 66.7mm)
Font is Courier New
Font is Arial
Bar code is 39-Full ASCII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com