Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT16652DLR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # 74ACT16652DLR
Description  16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT16652DLR Datasheet(HTML) 8 Page - Texas Instruments

Back Button 74ACT16652DLR Datasheet HTML 3Page - Texas Instruments 74ACT16652DLR Datasheet HTML 4Page - Texas Instruments 74ACT16652DLR Datasheet HTML 5Page - Texas Instruments 74ACT16652DLR Datasheet HTML 6Page - Texas Instruments 74ACT16652DLR Datasheet HTML 7Page - Texas Instruments 74ACT16652DLR Datasheet HTML 8Page - Texas Instruments 74ACT16652DLR Datasheet HTML 9Page - Texas Instruments 74ACT16652DLR Datasheet HTML 10Page - Texas Instruments 74ACT16652DLR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
54ACT16652, 74ACT16652
16-BIT TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCAS128C – MARCH 1990 – REVISED APRIL 1996
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
54ACT16652
74ACT16652
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
90
90
90
MHz
tPLH
AorB
BorA
3.7
7.2
9.4
3.7
10.5
3.7
10.5
ns
tPHL
A or B
B or A
3
8.1
10.5
3
11.6
3
11.6
ns
tPLH
CLKBA or CLKAB
AorB
4.5
8.7
11.2
4.5
12.3
4.5
12.3
ns
tPHL
CLKBA or CLKAB
A or B
4.9
8.9
11.3
4.9
12.3
4.9
12.3
ns
tPLH
SBA or SAB
AorB
4.9
10.4
14.1
4.9
16
4.9
16
ns
tPHL
(with A or B high)
A or B
4.6
8.4
10.6
4.6
11.7
4.6
11.7
ns
tPLH
SBA or SAB
AorB
3.9
7.8
10
3.9
11.2
3.9
11.2
ns
tPHL
(with A or B low)
A or B
5.6
12.3
14.9
5.6
16.9
5.6
16.9
ns
tPZH
OEBA
A
3
8.1
10.5
3
11.7
3
11.7
ns
tPZL
OEBA
A
3.9
9.4
12
3.9
13.4
3.9
13.4
ns
tPHZ
OEBA
A
5.3
7.4
8.9
5.3
9.5
5.3
9.5
ns
tPLZ
OEBA
A
4.8
6.8
8.6
4.8
9.2
4.8
9.2
ns
tPZH
OEAB
B
4.1
7.7
9.8
4.1
10.8
4.1
10.8
ns
tPZL
OEAB
B
5
9
11
5
12.4
5
12.4
ns
tPHZ
OEAB
B
4.4
8.1
10.1
4.4
10.5
4.4
10.5
ns
tPLZ
OEAB
B
4.3
7.7
9.7
4.3
9.9
4.3
9.9
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per transceiver
Outputs enabled
CL =50 pF
f=1MHz
57
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF,
f = 1 MHz
13
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com