Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4607 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4607
Description  36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 2 Page - Linear Technology

  LTM4607 Datasheet HTML 1Page - Linear Technology LTM4607 Datasheet HTML 2Page - Linear Technology LTM4607 Datasheet HTML 3Page - Linear Technology LTM4607 Datasheet HTML 4Page - Linear Technology LTM4607 Datasheet HTML 5Page - Linear Technology LTM4607 Datasheet HTML 6Page - Linear Technology LTM4607 Datasheet HTML 7Page - Linear Technology LTM4607 Datasheet HTML 8Page - Linear Technology LTM4607 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTM4607
2
4607f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................. –0.3V to 36V
VOUT............................................................. 0.8V to 25V
INTVCC, EXTVCC, RUN, SS, PGOOD.............. –0.3V to 7V
SW1, SW2 .................................................... –5V to 36V
VFB, COMP ................................................ –0.3V to 2.4V
FCB, STBYMD ....................................... –0.3V to INTVCC
PLLIN........................................................ –0.3V to 5.5V
PLLFLTR.................................................... –0.3V to 2.7V
Operating Temperature Range
(Note 2) ...............................................–40°C to 85°C
Junction Temperature ........................................... 125°C
Storage Temperature Range...................–55°C to 125°C
(Note 1)
LGA PACKAGE
141-LEAD (15mm × 15mm × 2.8mm)
BANK 2
BANK 1
BANK 3
BANK 4
BANK 5
BANK 6
TOP VIEW
12345678
10
911
12
L
K
J
H
G
F
E
D
C
B
M
A
TJMAX = 125°C, θJP = 4°C/W, WEIGHT = 1.5g
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the –40°C to 85°C
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V. Per typical application (front page) configuration.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Specifications
VIN(DC)
Input DC Voltage
4.5
36
V
VIN(UVLO)
Undervoltage Lockout Threshold
VIN Falling
3.4
4
V
IQ(VIN)
Input Supply Bias Current
Normal
Standby
Shutdown Supply Current
VRUN = 0V, VSTBYMD > 2V
VRUN = 0V, VSTBYMD = Open
2.8
1.6
35
60
mA
mA
μA
LEAD FREE FINISH
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM4607EV#PBF
LTM4607V
141-Lead (15mm × 15mm × 2.8mm) LGA
–40°C to 85°C
LTM4607IV#PBF
LTM4607V
141-Lead (15mm × 15mm × 2.8mm) LGA
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
(See Table 6 Pin Assignment)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com