Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTKC Datasheet(PDF) 7 Page - Linear Technology

Part # LTKC
Description  Ultralow Power, Dual 10-Bit DAC in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTKC Datasheet(HTML) 7 Page - Linear Technology

Back Button LTKC Datasheet HTML 3Page - Linear Technology LTKC Datasheet HTML 4Page - Linear Technology LTKC Datasheet HTML 5Page - Linear Technology LTKC Datasheet HTML 6Page - Linear Technology LTKC Datasheet HTML 7Page - Linear Technology LTKC Datasheet HTML 8Page - Linear Technology LTKC Datasheet HTML 9Page - Linear Technology LTKC Datasheet HTML 10Page - Linear Technology LTKC Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1662
TI I G DIAGRA
SDI
CS/LD
SCK
A3
A2
1662 TD
A1
X1
X0
t2
t9
t11
t5
t7
t6
t1
t3
t4
DEFI ITIO S
SDI
SCK
CS/LD
A3
A2
INPUT CODE
DON’T CARE
A1
A0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X1
X0
1662 F01
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
(SCK ENABLED)
(INSTRUCTION
EXECUTED)
CONTROL CODE
INPUT WORD W0
Figure 1. Register Loading Sequence
where VOUT is the output voltage of the DAC measured at
the given input code.
Least Significant Bit (LSB): The ideal voltage difference
between two successive codes.
LSB = VREF/1024
Resolution (n): Defines the number of DAC output states
(2n) that divide the full-scale range. Resolution does not
imply linearity.
Voltage Offset Error (VOS): Nominally, the voltage at the
output when the DAC is loaded with all zeros. A single
supply DAC can have a true negative offset, but the output
cannot go below zero (see Figure 2).
For this reason, single supply DAC offset is measured at
the lowest code that guarantees the output will be greater
than zero.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com