Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1642AI Datasheet(PDF) 13 Page - Linear Technology

Part # 1642AI
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1642AI Datasheet(HTML) 13 Page - Linear Technology

Back Button 1642AI Datasheet HTML 8Page - Linear Technology 1642AI Datasheet HTML 9Page - Linear Technology 1642AI Datasheet HTML 10Page - Linear Technology 1642AI Datasheet HTML 11Page - Linear Technology 1642AI Datasheet HTML 12Page - Linear Technology 1642AI Datasheet HTML 13Page - Linear Technology 1642AI Datasheet HTML 14Page - Linear Technology 1642AI Datasheet HTML 15Page - Linear Technology 1642AI Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1642A
1642af
The pull-up voltage on the RESET and FAULT pins follows
VCC until the shunt regulator turns on. When the regulator
is on the pull-up voltage is 14.4V.
Undervoltage Monitor
The LTC1642A will assert RESET if a monitored voltage
falls below an adjustable minimum. When the monitored
voltage has exceeded its minimum for at least one system
timing cycle, RESET goes high. The monitoring circuitry
comprises an internal 1.22V bandgap reference, an inter-
nal precision voltage comparator and an external resistive
divider to monitor the output supply voltage.
The circuit is shown in Figure 12, and typical waveforms
in Figure 13. When the voltage at the FB pin rises above its
reset threshold (1.22V), the comparator output goes low
and a timing cycle starts (times 1 and 5). Following the
cycle RESET is pulled high. At time 2 the voltage at FB
drops below the comparator’s threshold and RESET is
pulled low. If the FB pin rises above the reset threshold for
less than a timing cycle the RESET output will remain low
(time 3 to time 4). The 15
µA pull-up current source to VCC
on RESET has a series diode so the pin can be pulled above
VCC by an external pull-up resistor without forcing current
back into the supply.
Automatic Restart
If there is an overvoltage, and the resistor divider feeding
OV is connected to the output of the N-Channel pass
transistor, the LTC1642A will automatically restart even if
FAULT is not tied to ON. If the divider is connected to the
input side, the LTC1642A will restart itself only if FAULT is
tied to ON, and only after the overvoltage clears.
The OV and FB Comparators
The propagation delay through the OV and FB compara-
tors on low to high transitions depends strongly on the
differential input voltage. The relationship is shown in
Figure 11. The minimum propagation delay for large
overdrives is about 20
µs. In addition the comparators
have 3mV of hysteresis.
Internal Voltage Clamp Protection
The LTC1642A includes a shunt regulator to protect itself
from VCC and SENSE pin voltages up to 33V. The regulator
turns on when VCC exceeds 16.5V and limits most of the
chip’s circuitry to 15V. When it is on the chip functions
normally with one exception: if the charge pump is on, the
GATE voltage is usually near ground but this is not
guaranteed. Use the OV pin to ensure that GATE is grounded.
APPLICATIO S I FOR ATIO
Figure 10. Overvoltage Timing (Output Side)
OV OVERDRIVE (mV)
0
40
80
120
160
200
240
1642a F11
70
60
50
40
30
20
10
0
Figure 11. OV Comparator Propagation Delay vs
Overdrive Voltage
100ms/DIV
1642a F10
IN
OV
GATE
OUT
CRWBR
RST TMR
FAULT
20V/DIV
2V/DIV
20V/DIV
20V/DIV
2V/DIV
2V/DIV
20V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com