Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD934F Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD934F
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD934F Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD934F Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD934F Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
BD934F/936F/938F/940F/942F
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD934F
45
BD936F
60
BD938F
80
BD940F
100
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BD942F
IC= 100mA ; IB= 0
120
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -1A; IB= -0.1A
B
-0.6
V
VBE(on)
Base-Emitter On Voltage
IC= -1A; VCE= -2V
-1.3
V
ICBO
Collector Cutoff Current
VCB= VCBOmax; IE= 0
VCB= VCBOmax; IE= 0,TJ=150℃
-0.1
-3.0
mA
ICEO
Collector Cutoff Current
VCE= VCEOmax; IB= 0
-0.5
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-1.0
mA
hFE-1
DC Current Gain
IC= -150mA ; VCE= -2V
40
250
hFE-2
DC Current Gain
IC= -1A ; VCE= -2V
25
fT
Current-Gain—Bandwidth Product
IC= -250mA ; VCE= -10V
3
MHz
Switching Times
ton
Turn-On Time
0.2
0.6
μs
toff
Turn-Off Time
IC= -1.0A; IB1= -IB2= -0.1A
0.7
2.4
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com