Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP42B Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TIP42B
Description  isc Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP42B Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TIP42B Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP42B Datasheet HTML 2Page - Inchange Semiconductor Company Limited TIP42B Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistors
TIP42/42A/42B/42C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
TIP42
-40
TIP42A
-60
TIP42B
-80
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
TIP42C
IC= -30mA; IB= 0
-100
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -6A ;IB= -0.6A
-1.5
V
VBE(on)
Base-Emitter On Voltage
IC= -6A ; VCE= -4V
-2.0
V
TIP42
VCE= -40V; VEB= 0
TIP42A
VCE= -60V; VEB= 0
TIP42B
VCE= -80V; VEB= 0
ICES
Collector Cutoff Current
TIP42C
VCE= -100V; VEB= 0
-0.4
mA
TIP42/42A
VCE= -30V; IB= 0
B
ICEO
Collector Cutoff Current
TIP42B/42C
VCE= -60V; IB= 0
B
-0.7
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-1.0
mA
hFE-1
DC Current Gain
IC= -0.3A ; VCE= -4V
30
hFE-2
DC Current Gain
IC= -3A ; VCE= -4V
15
75
fT
Current-Gain—Bandwidth Product
IC= -0.5A ;VCE= -10V
3
MHz
isc Website:www.iscsemi.cn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com