Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX2000-2CS896 Datasheet(PDF) 79 Page - Actel Corporation

Part # AX2000-2CS896
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-2CS896 Datasheet(HTML) 79 Page - Actel Corporation

Back Button AX2000-2CS896 Datasheet HTML 75Page - Actel Corporation AX2000-2CS896 Datasheet HTML 76Page - Actel Corporation AX2000-2CS896 Datasheet HTML 77Page - Actel Corporation AX2000-2CS896 Datasheet HTML 78Page - Actel Corporation AX2000-2CS896 Datasheet HTML 79Page - Actel Corporation AX2000-2CS896 Datasheet HTML 80Page - Actel Corporation AX2000-2CS896 Datasheet HTML 81Page - Actel Corporation AX2000-2CS896 Datasheet HTML 82Page - Actel Corporation AX2000-2CS896 Datasheet HTML 83Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-65
PLL Configurations
The following rules apply to the different PLL inputs and
outputs:
Reference Clock
The RefCLK can be driven by (Figure 2-50):
1. Global routed clocks (CLKE/F/G/H) or user-created
clock network
2. CLK1 output of an adjacent PLL
3. [H]CLKxP (single-ended or voltage-referenced)
4. [H]CLKxP/[H]CLKxN
pair
(differential
modes
like
LVPECL or LVDS)
Feedback Clock
The feedback clock can be driven by (Figure 2-51 on page
2-66):
1. Global routed clocks (CLKE/F/G/H) or user-created
clock network
2. External [H]CLKxP/N I/O pad(s) from the adjacent PLL
cell
3. An internal signal from the PLL block
PLLSEL
Input
No
ROOTSEL & PLLSEL are used to select the source of the global
clock network
ROOTSEL
Input
No
Lock
Output
Yes
High value indicates PLL has locked
CLK1
Output
Yes
PLL clock output
CLK2
Output
Yes
PLL clock output
Note: If the input RefClk is taken outside its operating range, the outputs Lock, CLK1 and CLK2 are indeterminate.
Note: Not all signals are available to the user.
Figure 2-49 • PLL Logical Interface
Table 2-79 • PLL Interface Signals (Continued)
Signal Name
Type
User Accessible
Allowable Values
Function
RefCLK
FB
CLK1
CLK2
REFSEL
ROOTSEL
FBMuxSEL
[H]CLKINT
[H]CLKxP
[H]CLKxN
I/O
Core net
CLK net
FBINT
0
0
1
1
2
3
CLKINT
CLK1 (PLLn-1)
CLK1 (PLLn-1)
[H]CLK
To PLLn+1
PLLSEL
OUTSEL
CLK Out
(Routed net out pin)
PLL
Figure 2-50 • Reference Clock Connections
Non-clock
Pins
P
N
INBUF
PLL
RefCLK
RefCLK
PLL
RefCLK
PLL
PLL
CLK1
Regular, LVPECL, or LVDS IOPAD
Any macro from the core, except HCLK nets
For cascading
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com