Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDT87 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BDT87
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDT87 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BDT87 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDT87 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BDT81/83/85/87
DESCRIPTION
·DC Current Gain -hFE = 40(Min)@ IC= 5A
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = 60V(Min)- BDT81; 80V(Min)- BDT83;
100V(Min)- BDT85; 120V(Min)- BDT87
·Complement to Type BDT82/84/86/88
APPLICATIONS
·Designed for use in audio output stages and general amplifer
and switching applications
ABSOLUTE MAXIMUM RATINGS(T =25℃
a
)
SYMBOL
PARAMETER
VALUE
UNIT
BDT81
60
BDT83
80
BDT85
100
VCBO
Collector-Base Voltage
BDT87
120
V
BDT81
60
BDT83
80
BDT85
100
VCEO
Collector-Emitter Voltage
BDT87
120
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
15
A
ICM
Collector Current-Peak
20
A
IB
B
Base Current
4
A
PC
Collector Power Dissipation
TC=25℃
125
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
70
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BDT87

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BDT87 COMSET-BDT87 Datasheet
359Kb / 3P
SILICON POWER TRANSISTOR
BDT87 COMSET-BDT87 Datasheet
151Kb / 4P
SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BDT87 NJSEMI-BDT87 Datasheet
129Kb / 2P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BDT87F ISC-BDT87F Datasheet
111Kb / 2P
isc Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BDT87F NJSEMI-BDT87F Datasheet
127Kb / 2P
Silicon NPN Power Transistors
More results

Similar Description - BDT87

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com