Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1963AIQ Datasheet(PDF) 21 Page - Linear Technology

Part # LT1963AIQ
Description  1.5A, Low Noise,Fast Transient Response LDO Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963AIQ Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1963AIQ Datasheet HTML 17Page - Linear Technology LT1963AIQ Datasheet HTML 18Page - Linear Technology LT1963AIQ Datasheet HTML 19Page - Linear Technology LT1963AIQ Datasheet HTML 20Page - Linear Technology LT1963AIQ Datasheet HTML 21Page - Linear Technology LT1963AIQ Datasheet HTML 22Page - Linear Technology LT1963AIQ Datasheet HTML 23Page - Linear Technology LT1963AIQ Datasheet HTML 24Page - Linear Technology LT1963AIQ Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT1963A Series
21
1963afd
TYPICAL APPLICATIONS
10VAC AT
115VIN
10VAC AT
115VIN
–
+
750Ω
+V
+V
+V
+V
+V
1/2
LT1018
1/2
LT1018
LT1006
10k
10k
10k
200k
0.1μF
22μF
1μF
0.033μF
1N4148
1N4148
LT1004
1.2V
750Ω
A1
C1A
C1B
34k*
12.1k*
3.3VOUT
1.5A
L1
500μH
10000μF
TO ALL “+V”
POINTS
22μF
1N4002
1N4002
1N4002
1N4148
“SYNC”
1k
L2
90-140
VAC
1963A TA03
LT1963A-3.3
IN
SHDN
OUT
FB
GND
2.4k
+
+
+
L1 = COILTRONICS CTX500-2-52
L2 = STANCOR P-8559
* = 1% FILM RESISTOR
= NTE5437
SCR Pre-Regulator Provides Efficiency Over Line Variations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com