Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54SW Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAT54SW
Description  Schottky barrier(double) diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT54SW Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT54SW Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Features
Low forward voltage
Guard ring protected
Very small SMD package.
Electrical C haracteristics T a = 25
P aram eter
S ym bol
Conditions
M ax
Unit
IF = 0.1 m A
240
IF = 1 m A
320
IF = 10 m A
400
IF = 30 m A
500
IF = 100 m A
800
Reverse current
IR
V R = 25V ; Note1
2
A
when switched from IF =10 m A to
IR =10 m A ; RL = 100
m easured at IR =1 m A
Diode capacitance
Cd
f= 1 M Hz;V R = 1 V ;
10
pF
Note
1. P ulse test: tp
300
s; ä
0.02.
Reverse recovery tim e
trr
mV
5ns
V F
Forward voltage
Marking
Type
BAT54W
BAT54AW
BAT54CW
BAT54SW
Marking
L4424344
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Conditions
Min
Max
Unit
Continuous reverse voltage
VR
30
V
Continuous forward current
IF
200
mA
Repetitive peak forward current
IFRM
tp
1s; d
0.5
300
mA
Non-repetitive peak forward current
IFSM
tp < 10 ms
600
mA
Total power dissipation (per package)
Ptot
Tamb
25
200
mW
Storage temperature
Tstg
-65
+150
Junction temperature
Tj
125
Operating ambient temperature
Tamb
-65
+125
Thermal resistance from junction to ambient
Rth j-a
625
K/W
Schottky barrier(double) diodes
BAT54W Series


Similar Part No. - BAT54SW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54SW PANJIT-BAT54SW Datasheet
121Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54SW PHILIPS-BAT54SW Datasheet
29Kb / 5P
Schottky barrier double diodes
1996 Mar 19
logo
STMicroelectronics
BAT54SW STMICROELECTRONICS-BAT54SW Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Diodes Incorporated
BAT54SW DIODES-BAT54SW Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30065 Rev. 2P-1
logo
Diotec Semiconductor
BAT54SW DIOTEC-BAT54SW Datasheet
384Kb / 2P
Surface mount Schottky-Barrier Double-Diodes
More results

Similar Description - BAT54SW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
Schottky barrier double diodes
1999 Apr 26
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
Schottky barrier double diodes
1997 Oct 03
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
Schottky barrier double diodes
1999 Sep 20
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
Schottky barrier double diodes
1999 May 06
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
Schottky barrier double diodes
1999 Aug 05
BAT854W PHILIPS-BAT854W Datasheet
56Kb / 8P
Schottky barrier (double) diodes
2001 Feb 27
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
Schottky barrier double diodes
2003 Aug 04
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
Schottky barrier (double) diodes
2003 Mar 25
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
Schottky barrier double diodes
1999 Sep 20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com