Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103CWS Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SD103CWS
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SD103CWS Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SD103CWS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103CWS
Features
Low Forward Voltage Drop
GuardRingConstructionfor Transient Protection
Negligible Reverse Recovery Time
Low Capacitance
Ultra-small Surface Mount Package
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
DC Blocking Volatge
VR
RMS Reverse Voltage
VR(RMS)
14
V
Forward Continuous Current (Note 1)
IFM
350
mA
Non-Repetitive Peak Forward Surge Current @ t
1.0s
IFSM
1.5
A
Power Dissipation (Note1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RèJA
625
/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to+125
Note:
1. Part mounted on FR-4 PC borad with recommended pad layout.
20
V
Electrical Characteristics Ta = 25
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Reverse Breakdown Voltage (Note 2)
V(BR)R
VR =10
A
20
V
Forward Voltage Drop (Note 2)
IF =20mA
0.37
IF = 100 mA
0.6
Peak Reverse Leakage Current (Note 2)
IRM
VR =10V
5.0
A
Total Capacitance
CT
VR = 0 V, f = 1.0 MHz
50
pF
IF =IR = 200 mA
Irr = 0.1 x IR,RL = 100
Note:
2. Short duration test pulse used to minimize self-heating effect.
Reverse Recovery Time
nS
VFM
V
trr
10
Marking
Marking
S6


Similar Part No. - SD103CWS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103CWS PANJIT-SD103CWS Datasheet
56Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Diodes Incorporated
SD103CWS DIODES-SD103CWS Datasheet
62Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 7 - 2
logo
General Semiconductor
SD103CWS GE-SD103CWS Datasheet
130Kb / 3P
SCHOTTKY DIODES
logo
Weitron Technology
SD103CWS WEITRON-SD103CWS Datasheet
73Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
SD103CWS DIODES-SD103CWS Datasheet
406Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 14 - 2
More results

Similar Description - SD103CWS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com