Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBA3003M Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # TBA3003M
Description  1BARRIER TERMINAL STRIPS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

TBA3003M Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  TBA3003M Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
348
TDA
02
SERIES INDICATOR
TDA = .374" Centerline
Dual Row
TDB = .433" Centerline
Dual Row
TDC = .551" Centerline
Dual Row
NO. OF
POSITIONS
02 Thru 56
BARRIER TERMINAL STRIPS
BULKHEAD & PC BOARD MOUNT
TB & TD SERIES
INTRODUCTION:
Adam Tech TB & TD Series is a full range Barrier Strips which are
most commonly used to terminate wires and eliminate splicing. They
are offered in five different centerlines with open or closed back
option. Each is available for bulkhead or PCB mounting with choice
of Straight or Right Angle PCB terminals, Cliptite and or Turret
Terminals. Our TB series is manufactured from flexible thermoplastic
and resists cracking and breaking. Our TD series is manufactured
from Hi-Temp Phenolic and has current carrying capability up to 30
Amps.
FEATURES:
Wide range of sizes and profiles
Choice of open or closed back design
Choice of multiple terminations
Flexible Break resistant Thermoplastic.
SPECIFICATIONS:
Material:
Insulator:
TB Series: PBT, rated UL94V-0
TD Series: Phenolic, glass reinforced, rated UL94V-0
Insulator Color: Black
Contacts: Brass, tin plated
Screws: Steel, nickel plated
Hardware: Brass, tin plated
Electrical:
Operation voltage: 300V AC max.
Current rating:
TBA / TBB series: 10 Amps max.
TBC / TBD / TBE / TBF / TBG / TBH series: 15 Amps max.
TDA series: 10 Amps max
TDB series: 20 Amps max
TDC series: 30 Amps max
Contact resistance: 20M
Ω max
Insulation resistance: 500 M
Ω min.
Dielectric withstanding voltage: 2000V AC for 1 minute
Mechanical:
Wire Range:
TBA / TBB Series: 22 – 16 Awg
TBC / TBE Series: 22 – 14 Awg
TBD Series: 22 – 14 Awg
TBF / TBG Series: 22 – 14 Awg
TDA / TDB / TDC Series: 18 - 12 Awg
Temperature Rating:
Operating temperature: -65°C to +125°C
PACKAGING:
Anti-ESD plastic bags
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
®
®
V
D E
UL
®
ORDERING INFORMATION
BARRIER STRIPS
ORDERING INFORMATION
DUAL ROW BLOCKS
TBA
02
SERIES INDICATOR
TBA = 250" Centerline
Barrier Block
TBB = .250" Closed Side
Barrier Block
TBC = .325" Centerline
Barrier Block
(Offset Tails)
TBD = .325" Centerline
Barrier Block
(Centered Tails)
TBE = .325" Closed Side
Barrier Block
TBF = .374" Centerline
Barrier Block
TBG = .374" Closed Side
Barrier Block
TBH = .325" Centerline
Stacked Block
NO. OF
POSITIONS
02 Thru 30
B
MOUNTING
ORIENTATION
B = Barrier End
M = Mount End
01
TERMINAL TYPE
01 = Straight PCB
Tail
02 = Closed Side
Exit PCB Tail
03 = Right Angle
PCB Tail
04 = Cliptite
Terminal
05 = Turrett
Terminal
06 = Wire Wrap
Terminal
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - TBA3003M

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TBA30-12EGWA KINGBRIGHT-TBA30-12EGWA Datasheet
131Kb / 3P
76.2mm (3.0 INCH) 5 X 7 MULTICORLOR DOT MATRIX DISPLAYS
More results

Similar Description - TBA3003M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSM-105-01 ETC1-TSM-105-01 Datasheet
795Kb / 2P
TERMINAL STRIPS
logo
Adam Technologies, Inc.
TBA-05-04-M ADAM-TECH-TBA-05-04-M Datasheet
125Kb / 1P
BARRIER TERMINAL STRIPS
TBB-05-01-B ADAM-TECH-TBB-05-01-B Datasheet
126Kb / 1P
BARRIER TERMINAL STRIPS
TBD-03-04-M ADAM-TECH-TBD-03-04-M Datasheet
147Kb / 1P
BARRIER TERMINAL STRIPS
TBE-05-03-B ADAM-TECH-TBE-05-03-B Datasheet
136Kb / 1P
BARRIER TERMINAL STRIPS
TBG-05-02-B ADAM-TECH-TBG-05-02-B Datasheet
147Kb / 1P
BARRIER TERMINAL STRIPS
TDA-06 ADAM-TECH-TDA-06 Datasheet
148Kb / 1P
BARRIER TERMINAL STRIPS
logo
List of Unclassifed Man...
604-6 ETC2-604-6 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
logo
Samtec, Inc
HTS-130-G-AA SAMTEC-HTS-130-G-AA Datasheet
1Mb / 1P
PRECISION MACHINED TERMINAL STRIPS
logo
List of Unclassifed Man...
15130 ETC2-15130 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com