Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1058SW Datasheet(PDF) 4 Page - Linear Technology

Part # LT1058SW
Description  Dual and Quad, JFET Input Precision High Speed Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1058SW Datasheet(HTML) 4 Page - Linear Technology

  LT1058SW Datasheet HTML 1Page - Linear Technology LT1058SW Datasheet HTML 2Page - Linear Technology LT1058SW Datasheet HTML 3Page - Linear Technology LT1058SW Datasheet HTML 4Page - Linear Technology LT1058SW Datasheet HTML 5Page - Linear Technology LT1058SW Datasheet HTML 6Page - Linear Technology LT1058SW Datasheet HTML 7Page - Linear Technology LT1058SW Datasheet HTML 8Page - Linear Technology LT1058SW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1057/LT1058
4
10578fc
ELECTRICAL CHARACTERISTICS (LT1057/LT1058 SW Package Only), V
S = ±15V, TA = 25°C, VCM = 0V
unless otherwise noted.
The
l denotes the specifications which apply over the temperature range of 0°C ≤ TA ≤ 70°C or –40°C ≤ TA ≤ 85°C (LT1057IS8),
otherwise specifications are TA = 25°C. VS = ±15V, VCM = 0V, unless noted.
SYMBOL PARAMETER
CONDITIONS
LT1057AC
LT1058AC
LT1057C
LT1058C
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
LT1057
LT1057IS8
LT1057S8
LT1058
l
l
l
l
250
300
800
1200
330
500
400
400
1400
2300
1900
1800
μV
μV
μV
μV
Average Temperature
Coefficient of Input
(Offset Voltage)
LT1057 H/J8 Package
N8 Package
LT1057S8 (Note 5)
LT1057IS8 (Note 5)
LT1058 J Package (Note 5)
N Package (Note 5)
l
l
l
l
l
l
1.8
3
2.5
4
7
10
10
15
2.3
4
4
4.5
3
5
12
16
16
16
15
22
μV/°C
μV/°C
μV/°C
μV/°C
μV/°C
μV/°C
IOS
lnput Offset Current
Warmed Up, TA = 70°C
LT1057IS8
l
18
150
20
35
250
600
pA
IB
Input Bias Current
Warmed Up, TA = 70°C
LT1057IS8
l
±50
±250
±60
±100
±350
±900
pA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
l
70
220
50
200
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±10.4V
l
85
98
80
96
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±18V
l
87
102
84
100
dB
VOUT
Output Voltage Swing
RL = 2k
l
±12
±12.8
±12
±12.8
V
IS
Supply Current Per Amplifier
TA = 70°C
l
14
2.8
1.5
3.2
mA
mA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
in
Input Noise Current Density
fO = 10Hz, 1kHz
1.8
fA/√Hz
AVOL
Large-Signal Voltage Gain
VO = ±10V
RL = 2k
RL = 1k
100
50
300
220
V/mV
Input Voltage Range
±10.5
14.3
–11.5
V
CMRR
Common Mode Rejection Ratio
VCM = ±15V
LT1057
LT1058
82
80
98
98
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±18V
86
102
dB
VOUT
Output Voltage Swing
RL = 2k
±12
±13
V
SR
Slew Rate
8
13
V/μs
GBW
Gain-Bandwidth Product
f = 1MHz (Note 6)
3
5
MHz
IS
Supply Current Per Amplifier
1.7
2.8
mA
Channel Separation
DC to 5kHz, VIN = ±10V
130
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com