Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXB0104ZXUR Datasheet(PDF) 2 Page - Texas Instruments

Part # TXB0104ZXUR
Description  4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXB0104ZXUR Datasheet(HTML) 2 Page - Texas Instruments

  TXB0104ZXUR Datasheet HTML 1Page - Texas Instruments TXB0104ZXUR Datasheet HTML 2Page - Texas Instruments TXB0104ZXUR Datasheet HTML 3Page - Texas Instruments TXB0104ZXUR Datasheet HTML 4Page - Texas Instruments TXB0104ZXUR Datasheet HTML 5Page - Texas Instruments TXB0104ZXUR Datasheet HTML 6Page - Texas Instruments TXB0104ZXUR Datasheet HTML 7Page - Texas Instruments TXB0104ZXUR Datasheet HTML 8Page - Texas Instruments TXB0104ZXUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
YZT PACKAGE
(TOP VIEW)
D
C
B
A
3 2 1
TXB0104
SCES650D – APRIL 2006 – REVISED MAY 2008.............................................................................................................................................................. www.ti.com
TERMINAL ASSIGNMENTS
(YZT Package)
3
2
1
D
A4
GND
B4
C
A3
OE
B3
B
A2
VCCA
B2
A
A1
VCCB
B1
DESCRIPTION/ORDERING INFORMATION
This 4-bit noninverting translator uses two separate configurable power-supply rails. The A port is designed to
track VCCA. VCCA accepts any supply voltage from 1.2 V to 3.6 V. The B port is designed to track VCCB. VCCB
accepts any supply voltage from 1.65 V to 5.5 V. This allows for universal low-voltage bidirectional translation
between any of the 1.2-V, 1.5-V, 1.8-V, 2.5-V, 3.3-V, and 5-V voltage nodes. VCCA should not exceed VCCB.
When the output-enable (OE) input is low, all outputs are placed in the high-impedance state. To ensure the
high-impedance state during power up or power down, OE should be tied to GND through a pulldown resistor;
the minimum value of the resistor is determined by the current-sourcing capability of the driver.
The TXB0104 is designed so that the OE input circuit is supplied by VCCA.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
NanoFree™ — WCSP (DSBGA)
0.23-mm Large Bump – YZT
Reel of 3000
TXB0104YZTR
2K7
(Pb-free) 0.625-mm max height
UFBGA – GXU
Reel of 2500
TXB0104GXUR
YE04
UFBGA – ZXU (Pb-Free)
Reel of 2500
TXB0104ZXUR
YE04
TXB0104RGYR
QFN – RGY
Reel of 1000
YE04
TXB0104RGYRG4
–40
°C to 85°C
TXB0104D
Tube of 50
TXB0104DG4
SOIC – D
TXB0104
TXB0104DR
Reel of 2500
TXB0104DRG4
TXB0104PWR
TSSOP – PW
Reel of 2000
YE04
TXB0104PWRG4
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
YZT: The actual top-side marking has three preceding characters to denote year, month, amd sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
2
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TXB0104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com