| Electronic Components Datasheet Search |
|
COP8SAC7SLB8 Datasheet(PDF) 7 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP8SAC7SLB8 Datasheet(HTML) 7 Page - National Semiconductor (TI) |
|
7 / 60 page ![]() DC Electrical Characteristics (Continued) 0˚C ≤ T A ≤ +70˚C unless otherwise specified. Parameter Conditions Min Typ Max Units Output Current Levels D Outputs Source V CC = 4.5V, VOH = 3.3V −0.4 mA V CC = 2.7V, VOH = 1.8V −0.2 mA Sink V CC = 4.5V, VOL = 1.0V 10 mA V CC = 2.7V, VOL = 0.4V 2 mA L Port Source (Weak Pull-Up) V CC = 4.5V, VOH = 2.7V −10 −110 µA V CC = 2.7V, VOH = 1.8V −2.5 −33 µA Source (Push-Pull Mode) V CC = 4.5V, VOH = 3.3V −0.4 mA V CC = 2.7V, VOH = 1.8V −0.2 mA Sink (L0–L3, Push-Pull Mode) V CC = 4.5V, VOL = 1.0V 10 mA V CC = 2.7V, VOL = 0.4V 2 mA Sink (L4–L7, Push-Pull Mode) V CC = 4.5V, VOL = 0.4V 1.6 mA V CC = 2.7V, VOL = 0.4V 0.7 mA All Others Source (Weak Pull-Up Mode) V CC = 4.5V, VOH = 2.7V −10 −110 µA V CC = 2.7V, VOH = 1.8V −2.5 −33 µA Source (Push-Pull Mode) V CC = 4.5V, VOH = 3.3V −0.4 mA V CC = 2.7V, VOH = 1.8V −0.2 mA Sink (Push-Pull Mode) V CC = 4.5V, VOL = 0.4V 1.6 mA V CC = 2.7V, VOL = 0.4V 0.7 mA Allowable Sink Current per Pin (Note 8) D Outputs and L0 to L3 15 mA All Others 3mA Maximum Input Current without Latchup ±200 mA (Note 6) RAM Retention Voltage, Vr 2.0 V V CC Rise Time from a VCC ≥ 2.0V (Note 9) 12 µs Input Capacitance (Note 8) 7 pF Load Capacitance on D2 (Note 8) 1000 pF www.national.com 7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |