Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPER12 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VIPER12
Description  LOW POWER OFF LINE SMPS PRIMARY SWITCHER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER12 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VIPER12 Datasheet HTML 6Page - STMicroelectronics VIPER12 Datasheet HTML 7Page - STMicroelectronics VIPER12 Datasheet HTML 8Page - STMicroelectronics VIPER12 Datasheet HTML 9Page - STMicroelectronics VIPER12 Datasheet HTML 10Page - STMicroelectronics VIPER12 Datasheet HTML 11Page - STMicroelectronics VIPER12 Datasheet HTML 12Page - STMicroelectronics VIPER12 Datasheet HTML 13Page - STMicroelectronics VIPER12 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
VIPer12ADIP / VIPer12AS
10/15
the regulation point where the secondary loop
begins to send a current in the optocoupler. At this
point, the converter enters a regulated operation
where the FB pin receives the amount of current
needed to deliver the right power on secondary
side.
This sequence is shown in figure 11. Note that
during the real starting phase tss, the device
consumes some energy from the VDD capacitor,
waiting for the auxiliary winding to provide a
continuous supply. If the value of this capacitor is
too low, the start up phase is terminated before
receiving any energy from the auxiliary winding
and the converter never starts up. This is illustrated
also in the same figure in dashed lines.
OVERVOLTAGE THRESHOLD
An overvoltage detector on the VDD pin allows the
VIPer12A to reset itself when VDD exceeds
VDDovp. This is illustrated in figure 12, which shows
the whole sequence of an overvoltage event. Note
that this event is only latched for the time needed
by VDD to reach VDDoff, and then the device
resumes normal operation automatically.
Figure 11 : Start Up Sequence
t
t
IFB
VDDon
t
VOUT
VDD
VDDoff
tss
Figure 12 : Overvoltage Sequence
t
t
VDS
VDDon
VDD
VDDoff
VDDovp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com