Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VB409SP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VB409SP
Description  HIGH VOLTAGE REGULATOR POWER I.C.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB409SP Datasheet(HTML) 1 Page - STMicroelectronics

  VB409SP Datasheet HTML 1Page - STMicroelectronics VB409SP Datasheet HTML 2Page - STMicroelectronics VB409SP Datasheet HTML 3Page - STMicroelectronics VB409SP Datasheet HTML 4Page - STMicroelectronics VB409SP Datasheet HTML 5Page - STMicroelectronics VB409SP Datasheet HTML 6Page - STMicroelectronics VB409SP Datasheet HTML 7Page - STMicroelectronics VB409SP Datasheet HTML 8Page - STMicroelectronics VB409SP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 2000
1/9
®
VB409
/ VB409SP
HIGH VOLTAGE REGULATOR POWER I.C.
s
NO HIGH VOLTAGE EXTERNAL CAPACITOR
s
5 V DC REGULATED OUTPUT VOLTAGE
s
OUTPUT CURRENT LIMITED TO 70 mA
s
THERMAL SHUT-DOWN PROTECTION
s
INPUT OVERCURRENT PROTECTION
s
POWER DISSIPATION INTERNALLY LIMITED
DESCRIPTION
The VB409 VB409SP are fully protected positive
voltage regulator designed in STMicroelectronics
High Voltage VIPower
™ technology. The devices
can be connected directly to the rectified mains
(110V/230V). The devices are well suited for
applications powered from the AC mains and
requiring a 5V DC regulated output voltage
without galvanic insulation. VB409, VB409SP
provides up to 70 mA output current (internally
limited) at 5V. The included over current and
thermal shutdown provide protection for the
device.
TYPE
ICL(in)
ICL(out)
VOUT
VB409
VB409SP
0.8 A
70 mA
5V
± 5%
1
PRELIMINARY DATA
PENTAWATT HV(022Y)
1
10
PowerSO-10
™
ORDER CODES:
PENTAWATT HV(022Y) VB409
PowerSO-10
™
VB409SP
BLOCK DIAGRAM
Input current
limiter
Vref1
Vref2
Thermal
protection
Output current
limiter
Vref3
OUTPUT
Threshold
Cap
GND
INPUT


Similar Part No. - VB409SP

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VB40 NJSEMI-VB40 Datasheet
102Kb / 1P
These rectifiers offer high voltage ranges in minimum-sized
logo
Extech Instruments Corp...
VB400 EXTECH-VB400 Datasheet
500Kb / 1P
Pen Vibration Meter
logo
Vishay Siliconix
VB40100C VISHAY-VB40100C Datasheet
167Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 5 A
26-May-08
VB40100C VISHAY-VB40100C Datasheet
102Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 5 A
20-Jun-2018
logo
Inchange Semiconductor ...
VB40100C ISC-VB40100C Datasheet
314Kb / 2P
Schotty Barrier Diode
More results

Similar Description - VB409SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB027 STMICROELECTRONICS-VB027 Datasheet
74Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027BSP STMICROELECTRONICS-VB027BSP Datasheet
62Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027SP STMICROELECTRONICS-VB027SP Datasheet
60Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB029 STMICROELECTRONICS-VB029 Datasheet
88Kb / 10P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jul-1999
VB408 STMICROELECTRONICS-VB408 Datasheet
57Kb / 8P
HIGH VOLTAGE LINEAR REGULATOR POWER I.C.
Sep-1999
VB921ZVFI STMICROELECTRONICS-VB921ZVFI Datasheet
179Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Oct-2000
VB326 STMICROELECTRONICS-VB326 Datasheet
193Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C
Nov-2003
VB927T STMICROELECTRONICS-VB927T Datasheet
40Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jan-2003
VB325SPTR-E STMICROELECTRONICS-VB325SPTR-E Datasheet
197Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Nov-2003
VB325SP-E STMICROELECTRONICS-VB325SP-E Datasheet
226Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com