Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VB409 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VB409
Description  HIGH VOLTAGE REGULATOR POWER I.C.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB409 Datasheet(HTML) 4 Page - STMicroelectronics

  VB409 Datasheet HTML 1Page - STMicroelectronics VB409 Datasheet HTML 2Page - STMicroelectronics VB409 Datasheet HTML 3Page - STMicroelectronics VB409 Datasheet HTML 4Page - STMicroelectronics VB409 Datasheet HTML 5Page - STMicroelectronics VB409 Datasheet HTML 6Page - STMicroelectronics VB409 Datasheet HTML 7Page - STMicroelectronics VB409 Datasheet HTML 8Page - STMicroelectronics VB409 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/9
VB409 / VB409SP
Input current
li miter
Vref1
Vref2
Thermal
protection
Output current
limiter
Vref3
Threshold
Cap
GND
INPUT
MAIN
+
OUTPUT
RLOAD
R1
R2
C1
VB049a1
Figure 1:
Application scheme
1
APPLICATION EXAMPLE
(without heatsink; R1=1M
Ω; C1=47µF)
(without heatsink; R1=1M
Ω; C1=100µF)
IOUT
R2
PAV
10 mA
560 K
Ω
0.32 W
15 mA
470 K
Ω
0.49 W
20 mA
390 K
Ω
0.67 W
IOUT
R2
PAV
20mA
390 K
Ω
0.70 W
25mA
330 K
Ω
0.92 W
30mA
270 K
Ω
1.20 W
35mA
220 K
Ω
1.53 W
40mA
180 K
Ω
1.92 W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com