Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VB408FI Datasheet(PDF) 1 Page - STMicroelectronics

Part # VB408FI
Description  HIGH VOLTAGE LINEAR REGULATOR POWER I.C.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB408FI Datasheet(HTML) 1 Page - STMicroelectronics

  VB408FI Datasheet HTML 1Page - STMicroelectronics VB408FI Datasheet HTML 2Page - STMicroelectronics VB408FI Datasheet HTML 3Page - STMicroelectronics VB408FI Datasheet HTML 4Page - STMicroelectronics VB408FI Datasheet HTML 5Page - STMicroelectronics VB408FI Datasheet HTML 6Page - STMicroelectronics VB408FI Datasheet HTML 7Page - STMicroelectronics VB408FI Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 1999
1/8
®
VB408
/ VB408B / VB408FI
HIGH VOLTAGE LINEAR REGULATOR
POWER I.C.
s
INPUT VOLTAGE UP TO 400 V DC OR 285 V
RMS RECTIFIED
s
OUTPUT VOLTAGE ADJUSTABLE FROM 1.25
TO VIN-30V
s
OUTPUT CURRENT LIMITED TO 40 mA
s
THERMAL SHUT-DOWN PROTECTION
s
SHORT CIRCUIT PROTECTION
DESCRIPTION
The VB408, VB408B, VB408FI are fully protected
positive adjustable voltage regulators made using a
proprietary High Voltage VIPower
™ technology. The
device can be connected to a D.C. source (up to 400V) or
in off-line application directly to the rectified main (110V/
230V). It is particularly suitable to be used in the
manufacture of DC/DC converters, AC/DC converters,
start-up circuits, pneumatic valve drivers and current
sources. The device is able to drive resistive or inductive
loads with an output voltage from 1.25V to VIN-30V
providing an internally limited output current; it has built in
short circuit and thermal shutdown protections. The
device does not provide galvanic insulation from main.
TYPE
∆V
IN,OUT
ILIM
VOUT
VB408
VB408FI
VB408B
400 V
40 mA
1.25 to VIN-30 V
1
PRELIMINARY DATA
BLOCK DIAGRAM
FC 00410
VOUT
VIN
AD J
BIAS
CIRCUIT
CURRENT
SENSE
+
_
+
_
RE F 1
+
_
Thermal
Protection
Control
Signal
Power
Stage
Current
Limitation
REF 2
RE F 3
TO-220
1
2
3
1
2
3
ISOWATT220
ORDER CODES :
ISOWATT220
VB408FI
TO-220
VB408
D2PAK
VB408B
1
3
D2PAK


Similar Part No. - VB408FI

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VB40 NJSEMI-VB40 Datasheet
102Kb / 1P
These rectifiers offer high voltage ranges in minimum-sized
logo
Extech Instruments Corp...
VB400 EXTECH-VB400 Datasheet
500Kb / 1P
Pen Vibration Meter
logo
Vishay Siliconix
VB40100C VISHAY-VB40100C Datasheet
167Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 5 A
26-May-08
VB40100C VISHAY-VB40100C Datasheet
102Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 5 A
20-Jun-2018
logo
Inchange Semiconductor ...
VB40100C ISC-VB40100C Datasheet
314Kb / 2P
Schotty Barrier Diode
More results

Similar Description - VB408FI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB027 STMICROELECTRONICS-VB027 Datasheet
74Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027BSP STMICROELECTRONICS-VB027BSP Datasheet
62Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027SP STMICROELECTRONICS-VB027SP Datasheet
60Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB029 STMICROELECTRONICS-VB029 Datasheet
88Kb / 10P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jul-1999
VB409 STMICROELECTRONICS-VB409 Datasheet
68Kb / 9P
HIGH VOLTAGE REGULATOR POWER I.C.
Apr-2000
VB921ZVFI STMICROELECTRONICS-VB921ZVFI Datasheet
179Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Oct-2000
VB326 STMICROELECTRONICS-VB326 Datasheet
193Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C
Nov-2003
logo
Aimtron Technology
AT1202 AIMTRON-AT1202 Datasheet
423Kb / 7P
High Voltage Linear Regulator
logo
STMicroelectronics
VB927T STMICROELECTRONICS-VB927T Datasheet
40Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jan-2003
VB325SP-E STMICROELECTRONICS-VB325SP-E Datasheet
226Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com