Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA73 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA73
Description  POWER OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA73 Datasheet(HTML) 1 Page - Cirrus Logic

  PA73 Datasheet HTML 1Page - Cirrus Logic PA73 Datasheet HTML 2Page - Cirrus Logic PA73 Datasheet HTML 3Page - Cirrus Logic PA73 Datasheet HTML 4Page - Cirrus Logic PA73 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PA01-73U
1
PA01 • PA73
P r o d u c t I n n o v a t i o n F r o m
FEATURES
•LOWCOST,ECONOMYMODEL—PA01
•HIGHOUTPUTCURRENT—Upto±5APEAK
•EXCELLENTLINEARITY—PA01
•HIGHSUPPLYVOLTAGE—Upto±30V
•ISOLATEDCASE—300V
APPLICATIONS
•MOTOR,VALVEANDACTUATORCONTROL
•MAGNETICDEFLECTIONCIRCUITSUPTO4A
•POWERTRANSDUCERSUPTO20kHz
•TEMPERATURECONTROLUPTO180W
•PROGRAMMABLEPOWERSUPPLIESUPTO48V
•AUDIOAMPLIFIERSUPTO50WRMS
DESCRIPTION
The PA01 and PA73 are high voltage, high output current
operational amplifiers designed to drive resistive, inductive
and capacitive loads. For optimum linearity, the PA01 has a
class A/B output stage. The PA73 has a simple class C output
stage (see Note 1) to reduce cost for motor control and other
applications where crossover distortion is not critical and to
provide interchangeability with type 3573 amplifiers. The
safe operating area (SOA) can be observed for all operating
conditions by selection of user programmable current limit
resistors. These amplifiers are internally compensated for all
gain settings. For continuous operation under load, a heatsink
of proper rating is recommended.
This hybrid integrated circuit utilizes thick film (cermet)
resistors, ceramic capacitors and semiconductor chips to
maximize reliability, minimize size and give top performance.
Ultrasonically bonded aluminum wires provide reliable inter-
connections at all operating temperatures. The 8-pin TO-3
package is hermetically sealed and electrically isolated. The
use of compressible thermal washers and/or improper mount-
ing torque will void the product warranty. Please see “General
Operating Considerations”.
EXTERNALCONNECTIONS
NOTE 1: * Indicates not used in PA73. Open base of Q2A
connected to output of A1.
TYPICALAPPLICATION
Unidirectional Optical Speed Control
The pulse output of a non-contact optical sensor drives a
voltage-to-frequency converter which generates feedback for
the op amp. With the loop closed in this manner, the op amp
corrects for any variations in the speed due to changing load.
Because of operation in only one direction, an unsymmetrical
supply is used to maximize efficiency of both power op amp
and power supply. High speed diodes at the input protect the
op amp from commutator noise which may be generated by
the motor.
EQUIVALENTSCHEMATIC
PA01 • PA73
P r o d u c t I n n o v a t i o n F r o m
8-PINTO-3
PACKAGESTYLECE
Copyright © Cirrus Logic, Inc. 2007
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
NOV 2007
PA01-73U rev T


Similar Part No. - PA73

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA73 APEX-PA73 Datasheet
254Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA73 CIRRUS-PA73 Datasheet
206Kb / 5P
Power Operational Amplifier
logo
Unisonic Technologies
PA7375 UTC-PA7375 Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PA7375-J15-D-T UTC-PA7375-J15-D-T Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PA7375G-J15-D-T UTC-PA7375G-J15-D-T Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
More results

Similar Description - PA73

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com