Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC5702BECLQ Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # PPC5702BECLQ
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5702BECLQ Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button PPC5702BECLQ Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC5702BECLQ Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC5702BECLQ Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5702BECLQ Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5702BECLQ Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5702BECLQ Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5702BECLQ Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC5702BECLQ Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC5702BECLQ Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
Overview
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
7
Figure 1. MPC5606S Series Block Diagram
1.3.2
Block Summary
Table 2 summarizes the functions of all blocks present in the MPC5606S series microcontrollers. Please note that the presence
and number of blocks varies by device and package.
Six Gauge
Drivers
with
Stepper
Stall Detect
(SSD)
16 + 8 ch.
2 ×
DSPI
Test Controller
Nexus 2+
Nexus
SIU
Reset Control
Interrupt
External
IMUX
GPIO &
JTAG
Pad Control
JTAG Port
Nexus Port
e200z0h
External
Blocks
Controller
2 ×
FlexCAN
Peripheral Bridge
Peripheral
Interrupts from
Interrupt
Request
External
Interrupts
I/O
Instructions
Data
Voltage
Regulator
NMI
SWT
STM
NMI
SIU
. . .
. . .
. . .
. . .
(INTC)
4 × I2C
. . .
2 ×
LINFlex
2 x
eMIOS
16 ch.
ADC
Controller
FLASH
FLASH
Power
Control
Mode
Entry
Clock
Generation
Module
Reset
Generation
Module
Unit
Module
BAM
RTC/
SSCM
API
10-bit
. . .
DMA
DCU
RGB TFT
Output
Parallel
Data
(PDI)
Interface
IRC
IRC
XOSC
XOSC
XTAL/
EXTAL
XTAL32/
EXTAL32
16 MHz
128 kHz
4-16 MHz
32 kHz
4×PIT
LCD FP
and
BP signals
Sound
Generation
speaker/
buzzer
Data
and
Clock
QuadSPI
Controller
SRAM
SRAM
2 ×
FMPLL
Port
Controller
Video
Controller
SRAM
SRAM
40 × 4
LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com