| Electronic Components Datasheet Search |
|
TS944AI Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS944AI Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 14 page ![]() TS941-TS942-TS944 12/14 TS944ID PACKAGE MECHANICAL DATA 14 PINS - PLASTIC MICROPACKAGE (SO) Dim. Millim eters Inches Min. Typ. Max. Min. Typ. Max. A 1.75 0.069 a1 0.1 0.2 0.004 0.008 a2 1.6 0.063 b 0.35 0.46 0.014 0.018 b1 0.19 0.25 0.007 0.010 C 0.5 0.020 c1 45 ° (typ.) D (1) 8.55 8.75 0.336 0.344 E 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 7.62 0.300 F (1) 3.8 4.0 0.150 0.157 G 4.6 5.3 0.181 0.208 L 0.5 1.27 0.020 0.050 M 0.68 0.027 S8 ° (max.) Note : (1) D and F do not include mold flash or protrusions - Mold flash or protrusions shall not exceed 0.15mm (.066 inc) ONLY FOR DATA BOOK. D M 14 1 7 8 b e3 e E LG c1 s |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |