Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

925AI Datasheet(PDF) 13 Page - STMicroelectronics

Part # 925AI
Description  RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER With Standby Mode and Adjustable Phantom Ground
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

925AI Datasheet(HTML) 13 Page - STMicroelectronics

Back Button 925AI Datasheet HTML 9Page - STMicroelectronics 925AI Datasheet HTML 10Page - STMicroelectronics 925AI Datasheet HTML 11Page - STMicroelectronics 925AI Datasheet HTML 12Page - STMicroelectronics 925AI Datasheet HTML 13Page - STMicroelectronics 925AI Datasheet HTML 14Page - STMicroelectronics 925AI Datasheet HTML 15Page - STMicroelectronics 925AI Datasheet HTML 16Page - STMicroelectronics 925AI Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TS925
Using the TS925 as a preamplifier and speaker driver
13/17
Figure 17. Frequency response of the global
preamplifier chain
Figure 18. Voltage noise density vs.
frequency at preamplifier output
Figure 19. Maximum voltage swing at
headphone outputs (RL = 32Ω)
Figure 20. THD + noise vs. frequency
(headphone outputs)
100
1 00 0
1 00 00
100000
1 000000
10000000
1 .0 E+08
20
30
40
50
60
70
frequency (Hz)
10
100
1000
10000
100000
7
8
9
10
11
12
13
14
15
frequency (Hz)
100
1000
10000
100000
0
0.0 5
0.1
0.1 5
0.2
0.2 5
0.3
0.3 5
0.4
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com