Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS922 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS922
Description  RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922 Datasheet(HTML) 3 Page - STMicroelectronics

  TS922 Datasheet HTML 1Page - STMicroelectronics TS922 Datasheet HTML 2Page - STMicroelectronics TS922 Datasheet HTML 3Page - STMicroelectronics TS922 Datasheet HTML 4Page - STMicroelectronics TS922 Datasheet HTML 5Page - STMicroelectronics TS922 Datasheet HTML 6Page - STMicroelectronics TS922 Datasheet HTML 7Page - STMicroelectronics TS922 Datasheet HTML 8Page - STMicroelectronics TS922 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS
VCC
+ =3V, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
TS922
TS922A
Tmin.
≤ Tamb ≤ Tmax.
TS922
TS922A
3
0.9
5
1.8
mV
DVio
Input Offset Voltage Drift
2
µV/oC
Iio
Input Offset Current
Vout = 1.5V
1
30
nA
Iib
Input Bias Current
Vout = 1.5V
15
100
nA
VOH
High Level Output Voltage
RL = 10k
RL = 600
Ω
RL =32
Ω
2.90
2.87
2.63
V
VOL
Low Level Output Voltage
RL = 10k
RL = 600
Ω
RL =32
Ω
180
50
100
mV
Avd
Large Signal Voltage Gain (Vout = 2Vpk-pk)
RL = 10k
RL = 600
Ω
RL =32
Ω
200
35
16
V/mV
ICC
Total Supply Current
no load, Vout =VCC/2
23
mA
GBP
Gain Bandwidth Product
RL = 600
Ω
4
MHz
CMR
Common Mode Rejection Ratio
60
80
dB
SVR
Supply Voltage Rejection Ratio
VCC = 2.7 to 3.3V
60
85
dB
Io
Output Short Circuit Current
50
80
mA
SR
Slew Rate
0.7
1.3
V/
µs
∅m
Phase Margin at Unity Gain
RL = 600
Ω,CL = 100pF
68
Degrees
Gm
Gain Margin
RL = 600
Ω,CL = 100pF
12
dB
en
Equivalent Input Noise Voltage
f = 1kHz
9
nV
√
Hz
THD
Total Harmonic Distortion
Vout = 2Vpk-pk, F = 1kHz, AV =1, RL = 600
Ω
0.005
%
Cs
Channel Separation
120
dB
TS922
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com