Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS613 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS613
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS613 Datasheet(HTML) 1 Page - STMicroelectronics

  TS613 Datasheet HTML 1Page - STMicroelectronics TS613 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev 1
May 2005
1/2
2
KITHSEVAL/STDL
High-speed operational amplifier evaluation board kit
The KITHSEVAL/STDL high-speed operational
amplifier evaluation board kit is comprised of:
■ 5 unmounted evaluation boards,
■ a CDROM of documentation, including:
– a user manual for the boards,
– datasheets for the supported high-speed
operational amplifiers.
Each evaluation board allows the user to evaluate
one
operational
amplifier
at
a
time.
Each
evaluation board is generic for a given package
and number of channels:
■ The SOT23_SINGLE_HF board supports a
single-channel high-speed operational
amplifier in the SOT23-5L package.
■ The SO8_SINGLE_HF board supports a single
channel high-speed operational amplifier in
SO8 package.
■ The SO8_DUAL_HF board supports a dual
high-speed operational amplifier in the SO8
package.
■ The S08_S_MULTI board supports a high-
speed operational amplifier in the SO8
package for both inverting and non-inverting
configurations, dual or single supplies.
■ The SO14_TRIPLE board supports a triple
high-speed op-amp in the SO14 package with
video application considerations.
Each of these evaluation boards is unmounted
PCB, and must be mounted with the necessary
external
components.
The
choice
of
these
external
components
depend
upon
which
operational amplifier is being evaluated, as well as
the desired evaluation conditions (desired gain,
etc.). A layout example is shown for each
demoboard in the user manual on the kit’s CD-
ROM.
The high speed operational amplifiers supported
by this evaluation board kit are shown in the table
below:
Part
Number
Number of channels
Supported
Package(s)
Part
Number
Number of channels
Supported
Package(s)
TS613
Dual
SO8
TSH110
Single
SOT23-5L
TS616
Dual
SO8
TSH111
Single with standby
SO8
TSH70
Single
SOT23-5L, SO8
TSH112
Dual
SO8
TSH71
Single with standby
SO8
TSH113
Triple
SO14
TSH72
Dual
SO8
TSH310
Single
SOT23-5L, SO8
TSH73
Triple
SO14
TSH330
Single
SO8
TSH80
Single
SOT23-5L, SO8
TSH350
Single
SOT23-5L, SO8
TSH81
Single with standby
SO8
TSH340
Single
SOT23-5L, SO8
www.st.com


Similar Part No. - TS613

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS613 STMICROELECTRONICS-TS613 Datasheet
166Kb / 2P
High-speed operational amplifier evaluation board kit
May-2005
TS613 STMICROELECTRONICS-TS613 Datasheet
212Kb / 9P
STMicroelectronics Solutions for ADSL Line Interfaces
TS613ID STMICROELECTRONICS-TS613ID Datasheet
142Kb / 10P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS613IDW STMICROELECTRONICS-TS613IDW Datasheet
142Kb / 10P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS613 STMICROELECTRONICS-TS613_02 Datasheet
142Kb / 10P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
More results

Similar Description - TS613

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
STMicroelectronics
TS612 STMICROELECTRONICS-TS612 Datasheet
135Kb / 11P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
May-2000
TS615 STMICROELECTRONICS-TS615 Datasheet
982Kb / 27P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS616 STMICROELECTRONICS-TS616 Datasheet
2Mb / 27P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS612 STMICROELECTRONICS-TS612_02 Datasheet
135Kb / 10P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS613 STMICROELECTRONICS-TS613_02 Datasheet
142Kb / 10P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS615 STMICROELECTRONICS-TS615_04 Datasheet
905Kb / 36P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2004
TS616 STMICROELECTRONICS-TS616_07 Datasheet
665Kb / 36P
Dual wide band operational amplifier with high output current
16-Apr-2007
TS616 STMICROELECTRONICS-TS616_08 Datasheet
1Mb / 37P
Dual wide band operational amplifier with high output current
26-Sep-2008
logo
Texas Instruments
ALM2402F-Q1 TI1-ALM2402F-Q1 Datasheet
543Kb / 23P
Automotive, Dual Operational Amplifier With High Current Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com