Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS486 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TS486
Description  100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS486 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TS486 Datasheet HTML 23Page - STMicroelectronics TS486 Datasheet HTML 24Page - STMicroelectronics TS486 Datasheet HTML 25Page - STMicroelectronics TS486 Datasheet HTML 26Page - STMicroelectronics TS486 Datasheet HTML 27Page - STMicroelectronics TS486 Datasheet HTML 28Page - STMicroelectronics TS486 Datasheet HTML 29Page - STMicroelectronics TS486 Datasheet HTML 30Page - STMicroelectronics TS486 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
TS486-TS487
28/31
and for various values of the input resistor RIN .
The input resistance of the fixed gain version is
typically 20k
.
The following curve shows the limits of the roll off
frequency depending on the min. and max. values
of Rin:
LOW FREQUENCY ROLL OFF WITH OUTPUT
CAPACITORS
The DC voltage on the outputs of the TS486/487
is blocked by the output capacitors COUT1 and
COUT2 . Each output capacitor COUT in series with
the resistance of the load RL is equivalent to a first
order high pass filter.
Assuming that Fmin is the lowest frequency to be
amplified (with a 3dB attenuation), the minimum
value of COUT is:
COUT > 1 / (2*π*Fmin*RL)
The following curve gives directly the low roll-off
frequency versus the output capacitor COUT in µF
and for the two typical 16
and 32impedances:
DECOUPLING CAPACITOR CB
The internal bias voltage at Vcc/2 is decoupled
with the external capacitor CB.
The TS486 and TS487 have a specified Power
Supply Rejection Ratio parameter with CB = 1µF.
A higher value of CB improves the PSRR, for
example, a 4.7µF improves the PSRR by 15dB at
200Hz (please, refer to fig. 76 "PSRR vs Bypass
Capacitor").
POP PRECAUTIONS
Generally headphones are connected using a
connector as a jack. To prevent a pop in the
headphones when plugged in the jack, a resistor
should be
connected in
parallel with
each
headphone output. This allows the capacitors
Cout to be charged even when no headphone is
plugged.
A resistor of 1 k
is high enough to be a negligible
load, and low enough to charge the capacitors
Cout in less than one second.
0.01
0.1
1
10
1
10
100
1000
Rin = 100k
Rin = 20k
and
fixed gain versions
Rin = 10k
Rin = 1k
Cin (µF)
10
100
1000
10000
1
10
100
1000
RL = 16
RL = 32
C
OUT
( F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com