Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4855 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4855
Description  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855 Datasheet(HTML) 5 Page - STMicroelectronics

  TS4855 Datasheet HTML 1Page - STMicroelectronics TS4855 Datasheet HTML 2Page - STMicroelectronics TS4855 Datasheet HTML 3Page - STMicroelectronics TS4855 Datasheet HTML 4Page - STMicroelectronics TS4855 Datasheet HTML 5Page - STMicroelectronics TS4855 Datasheet HTML 6Page - STMicroelectronics TS4855 Datasheet HTML 7Page - STMicroelectronics TS4855 Datasheet HTML 8Page - STMicroelectronics TS4855 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Absolute Maximum Ratings
TS4855
5/27
2.3 SPI Timing Diagram
3
ABSOLUTE MAXIMUM RATINGS
4
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply voltage 1
1) All voltage values are measured with respect to the ground pin.
6V
Toper
Operating Free Air Temperature Range
-40 to + 85
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Flip Chip Thermal Resistance Junction to Ambient 2
2) Device is protected in case of over temperature by a thermal shutdown active @ 150°C typ.
166
°C/W
Pd
Power Dissipation
Internally Limited
ESD
Human Body Model 3
3) Human body model, 100pF discharged through a 1.5
k
resistor into pin of device.
2kV
ESD
Machine Model 4
4) This is a minimum Value. Machine model ESD, a 200pF cap is charged to the specified voltage, then discharged directly into the IC with no external
series resistor (internal resistor < 5
Ω), into pin to pin of device.
5.) All PSRR data limits are guaranteed by evaluation tests.
100
V
Latch-up Immunity
200
mA
Lead Temperature (soldering, 10sec)
250
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
3 to 5
V
Vphin
Maximum Phone In Input Voltage
GND to VCC
V
VRin/VLin Maximum Rin & Lin Input Voltage
GND to VCC
V
TSD
Thermal Shutdown Temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com