Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPB200 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TPB200
Description  TRISIL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPB200 Datasheet(HTML) 4 Page - STMicroelectronics

  TPB200 Datasheet HTML 1Page - STMicroelectronics TPB200 Datasheet HTML 2Page - STMicroelectronics TPB200 Datasheet HTML 3Page - STMicroelectronics TPB200 Datasheet HTML 4Page - STMicroelectronics TPB200 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig. 1: Non repetitive surge peak on-state current
versus overload duration (Tj initial=25
°C).
Fig. 4: On-state current versus on-state voltage
(typical values).
Fig. 3: Relative variation of junction capacitance
versus reverse applied voltage(typical values).
Note: For VRM upper than 56V, the curve is
extrapolated(dotted line).
Fig. 2: Relative variation of holding current versus
junction temperature.
Fig. 5: Transient thermal impedance junction to
ambient versus pulse duration (for FR4 PC Board
with TLead = 10 mm).
TPB SERIES
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com