Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL082M Datasheet(PDF) 7 Page - STMicroelectronics

Part # TL082M
Description  GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL082M Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TL082M Datasheet HTML 3Page - STMicroelectronics TL082M Datasheet HTML 4Page - STMicroelectronics TL082M Datasheet HTML 5Page - STMicroelectronics TL082M Datasheet HTML 6Page - STMicroelectronics TL082M Datasheet HTML 7Page - STMicroelectronics TL082M Datasheet HTML 8Page - STMicroelectronics TL082M Datasheet HTML 9Page - STMicroelectronics TL082M Datasheet HTML 10Page - STMicroelectronics TL082M Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TL082 - TL082A - TL082B
7/11
COMMON MODE REJECTION RATIO versus
FREE AIR TEMPERATURE
OUTPUT VOLTAGE versus ELAPSED TIME
VOLTAGE FOLLOWER LARGE SIGNAL PULSE
RESPONSE
EQUIVALENT INPUT NOISE VOLTAGE versus
FREQUENCY
TOTAL HARMONIC DISTORTION versus FREQUENCY
89
88
87
86
85
84
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
83
-75
R
L
=1 0 k
Ω
=1 5V
V
CC
t
r
28
24
20
16
12
8
4
0
-4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
TIME (
µs)
10%
90%
OVERSHOOT
R L=2kΩ
Tamb =+25°C
V
CC
= 15V
6
4
2
0
-2
-4
0
0.5
1
1.5
2
2.5
3
3.5
TIME (
µs)
-6
=1 5V
V
CC
R
L
=2 k
Ω
= 100pF
CL
T
amb =+25 C
O UTPUT
INP UT
70
60
50
40
30
20
10
0
10
40
100
400
1k
4k
10k
40k 100k
FREQUENCY (Hz)
A V =10
R S = 100 Ω
Tamb = +25
°C
VCC =
15V
1
0.4
0.1
0.04
0.01
0.004
0.001
100
400
1k
4k
10k
40k
100k
FREQUENCY (Hz)
A V =1
T amb = +25°C
V
CC
= 15V
=6V
V
O (rms)
A V =1
T amb = +25°C
=6V
V
O (rms)
V
CC
=
15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com