Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL082BMP Datasheet(PDF) 11 Page - STMicroelectronics

Part # TL082BMP
Description  GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL082BMP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TL082BMP Datasheet HTML 3Page - STMicroelectronics TL082BMP Datasheet HTML 4Page - STMicroelectronics TL082BMP Datasheet HTML 5Page - STMicroelectronics TL082BMP Datasheet HTML 6Page - STMicroelectronics TL082BMP Datasheet HTML 7Page - STMicroelectronics TL082BMP Datasheet HTML 8Page - STMicroelectronics TL082BMP Datasheet HTML 9Page - STMicroelectronics TL082BMP Datasheet HTML 10Page - STMicroelectronics TL082BMP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TL082 - TL082A - TL082B
11/11
Inform ation furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibil ity for the
consequences of use of such inform ation nor for any infring ement of patents or other righ ts of third parties which may result from
its use. No license is granted by implication or oth erwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publica tion are subject to change witho ut notice. This publ ication supersedes and replaces all inform ation
previously supplied. STMicroelectronics products are not authorized for use as critical components in life suppo rt devices or
systems withou t express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2001 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Swit zerland - United Kingdom - United States
© http://www. st.com
PACKAGE MECHANICAL DATA
8 PINS - THIN SHRINK SMALL OUTLINE PACKAGE
Dim.
Millim eters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.20
0.05
A1
0.05
0.15
0.01
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.15
c
0.09
0.20
0.003
0.012
D
2.90
3.00
3.10
0.114
0.118
0.122
E
6.40
0.252
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
0.65
0.025
k0
°
8
°
0
°
8
°
l
0.50
0.60
0.75
0.09
0.0236
0.030
L
0.45
0.600
0.75
0.018
0.024
0.030
L1
1.000
0.039
c
0.25mm
.010 inch
GAGE PLANE
E1
k
L
L1
E
A
A2
D
A1
b
5
8
4
1
PIN 1 IDENTIFICATION
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com