Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL081AI Datasheet(PDF) 1 Page - STMicroelectronics

Part # TL081AI
Description  GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL081AI Datasheet(HTML) 1 Page - STMicroelectronics

  TL081AI Datasheet HTML 1Page - STMicroelectronics TL081AI Datasheet HTML 2Page - STMicroelectronics TL081AI Datasheet HTML 3Page - STMicroelectronics TL081AI Datasheet HTML 4Page - STMicroelectronics TL081AI Datasheet HTML 5Page - STMicroelectronics TL081AI Datasheet HTML 6Page - STMicroelectronics TL081AI Datasheet HTML 7Page - STMicroelectronics TL081AI Datasheet HTML 8Page - STMicroelectronics TL081AI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GENERAL PURPOSE J-FET
SINGLE OPERATIONAL AMPLIFIER
®
.
WIDE COMMON-MODE (UP TO VCC
+)AND
DIFFERENTIAL VOLTAGE RANGE
.
LOW INPUT BIAS AND OFFSET CURRENT
.
OUTPUT SHORT-CIRCUIT PROTECTION
.
HIGH INPUT IMPEDANCE J–FET INPUT
STAGE
.
INTERNAL FREQUENCY COMPENSATION
.
LATCH UP FREE OPERATION
.
HIGH SLEW RATE : 16V/
µs (typ)
N
DIP8
(Plastic Package)
1
2
3
4
8
6
5
7
1 - Offset Null 1
2 - Inverting input
3 - Non-inverting input
4- VCC
-
5 - Offset Null 2
6 - Output
7- VCC
+
8 - N.C.
PIN CONNECTIONS (top view)
DESCRIPTION
The TL081, TL081A and TL081B are high speed
J–FET inputsingle operationalamplifiers incorporating
well matched, high voltage J–FET and bipolar transis-
tors in a monolithic integrated circuit.
The devicesfeaturehigh slew rates, low input bias and
offset currents, and low offset voltage temperature
coefficient.
TL081
TL081A - TL081B
December 1998
D
SO8
(Plastic Micropackage)
ORDER CODES
Part Number
Temperature
Range
Package
ND
TL081M/AM/BM
–55
oC, +125oC
••
TL081I/AI/BI
–40
oC, +105oC
••
TL081C/AC/BC
0
oC, +70oC
••
Examples : TL081CD, TL081IN
1/9


Similar Part No. - TL081AI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL081AID STMICROELECTRONICS-TL081AID Datasheet
338Kb / 15P
General purpose JFET single operational amplifiers
27-Jun-2008
TL081AIDT STMICROELECTRONICS-TL081AIDT Datasheet
338Kb / 15P
General purpose JFET single operational amplifiers
27-Jun-2008
TL081AIN STMICROELECTRONICS-TL081AIN Datasheet
321Kb / 14P
GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
27-Jul-2007
TL081AIN STMICROELECTRONICS-TL081AIN Datasheet
338Kb / 15P
General purpose JFET single operational amplifiers
27-Jun-2008
TL081AIYD STMICROELECTRONICS-TL081AIYD Datasheet
338Kb / 15P
General purpose JFET single operational amplifiers
27-Jun-2008
More results

Similar Description - TL081AI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL082 STMICROELECTRONICS-TL082 Datasheet
108Kb / 11P
GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
Mar-2002
MC33004 STMICROELECTRONICS-MC33004 Datasheet
596Kb / 10P
GENERAL PURPOSE QUAD J FET OPERATIONAL AMPLIFIERS
TL084 STMICROELECTRONICS-TL084_01 Datasheet
313Kb / 12P
GENERAL PURPOSE J-FET QUAD OPERATIONAL AMPLIFIERS
Mar-2001
TL081 STMICROELECTRONICS-TL081_07 Datasheet
321Kb / 14P
GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
27-Jul-2007
TL082 STMICROELECTRONICS-TL082_07 Datasheet
322Kb / 17P
GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
06-Mar-2007
logo
Unisonic Technologies
TL082 UTC-TL082_09 Datasheet
300Kb / 9P
GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
TL082 UTC-TL082_15 Datasheet
334Kb / 7P
GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
TL082 UTC-TL082_18 Datasheet
241Kb / 7P
GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
logo
Guangdong Youtai Semico...
TL072 UMW-TL072 Datasheet
706Kb / 6P
General J-FET input dual operational amplifier
TL084 UMW-TL084 Datasheet
599Kb / 4P
General J-FET quad operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com