Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL074AI Datasheet(PDF) 3 Page - STMicroelectronics

Part # TL074AI
Description  LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL074AI Datasheet(HTML) 3 Page - STMicroelectronics

  TL074AI Datasheet HTML 1Page - STMicroelectronics TL074AI Datasheet HTML 2Page - STMicroelectronics TL074AI Datasheet HTML 3Page - STMicroelectronics TL074AI Datasheet HTML 4Page - STMicroelectronics TL074AI Datasheet HTML 5Page - STMicroelectronics TL074AI Datasheet HTML 6Page - STMicroelectronics TL074AI Datasheet HTML 7Page - STMicroelectronics TL074AI Datasheet HTML 8Page - STMicroelectronics TL074AI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TL074 - TL074A - TL074B
3/11
ELECTRICAL CHARACTERISTICS
VCC = ±15V, Tamb = +25°C (unless otherwise specified)
Symbol
Parameter
TL074I,M,AC,AI,AM,
BC,BI,BM
TL074C
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vio
Input Offset Voltage (Rs = 50Ω)
Tamb = +25°C
TL074
TL074A
TL074B
Tmin ≤ Tamb ≤ Tmax
TL074
TL074A
TL074B
3
3
1
10
6
3
13
7
5
310
13
mV
DVio
Input Offset Voltage Drift
10
10
µV/°C
Iio
Input Offset Current - note 1)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
5100
4
5
100
10
pA
nA
Iib
Input Bias Current -note 1
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
20
200
20
30
200
20
pA
nA
Avd
Large Signal Voltage Gain
(R
L =2kΩ,Vo = ±10V)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
50
25
200
25
15
200
V/mV
SVR
Supply Voltage Rejection Ratio (RS = 50Ω)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
80
80
86
70
70
86
dB
ICC
Supply Current, no load, per amplifier
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1.4
2.5
2.5
1.4
2.5
2.5
mA
Vicm
Input Common Mode Voltage Range
±11
+15
-12
±11
+15
-12
V
CMR
Common Mode Rejection Ratio (RS = 50Ω)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
80
80
86
70
70
86
dB
Ios
Output Short-circuit Current
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
10
10
40
60
60
10
10
40
60
60
mA
±V
opp
Output Voltage Swing
Tamb = +25°CRL = 2kΩ
RL = 10k
Ω
Tmin ≤ Tamb ≤ Tmax
RL = 2k
Ω
RL = 10k
Ω
10
12
10
12
12
13.5
10
12
10
12
12
13.5
V
SR
Slew Rate (Tamb = +25°C)
Vin = 10V, RL =2kΩ,CL = 100pF, unity gain
8
13
8
13
V/
µs
tr
Rise Time (Tamb = +25°C)
Vin = 20mV, RL =2kΩ,CL = 100pF, unity gain
0.1
0.1
µs
Kov
Overshoot (Tamb = +25°C)
Vin = 20mV, RL =2kΩ,CL = 100pF, unity gain
10
10
%
GBP
Gain Bandwidth Product (Tamb = +25°C)
Vin = 10mV, RL =2kΩ,CL = 100pF, f= 100kHz
2
3
2
3
MHz
Ri
Input Resistance
1012
1012
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com