Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDVGIB Datasheet(PDF) 1 Page - Vectron International, Inc

Part # FDVGIB
Description  Voltage Controlled Crystal Oscillator (VCXO)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FDVGIB Datasheet(HTML) 1 Page - Vectron International, Inc

  FDVGIB Datasheet HTML 1Page - Vectron International, Inc FDVGIB Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Vectron International
• 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1• http://www.vectron.com
1
Product Data Sheet
F-Type
The FTV Voltage Controlled Crystal Oscillator
Features
n
n Industry Common Pinout
n Commercial or Industrial Temperature Range
n TTL or CMOS Drive Capability
n Hermetic Package
n 5.0 V or 3.3 V Supply
Description
The F-Type Voltage Controlled Crystal Oscillator
(VCXO) is used in a phase lock loop applications
including clock recovery and frequency translation
applications. The metal package is grounded for
improved EMI performance.
Pin Information
Table 1. Pin Function
Pin
Symbol
Function
1
VC
VCXO Control Voltage
7
GND
Case Ground
8
Output
VCXO Output
14
VDD
Power Supply Voltage (3.3 or 5.0 V
±10%)
Performance Characteristics
Table 2. Electrical Performance
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Temperature Range
To
0 to 70, -20 To 70, or -40 to 85
°C
Center Frequency
1
f0
1
-
52
MHz
Absolute Pull Range
+/- 20 to +/-100
ppm
Supply Voltage
2
VDD
3.3 or 5.0 (+/-10%)
V
Supply Current
IDD
-
0.45 mA/MHz
35
mA
Output Voltage Levels
3
Output High
Output Low
VOH
VOL
0.9 VDD
-
0.1 VDD
V
V
Transition times
3
Rise Time
Fall Time
TR
TF
-
-
-
-
5.0
5.0
ns
ns
Fanout
-
-
10
TTL
Start-Up Time
tsu
-
2
-
ms
Control Voltage
VC
0.1 VDD
-
0.9 VDD
V
Fanout
Fo
-
-
10 TTL
Loads
1. Other frequencies may be available, please contact factory with your special requirements.
2. A 0.1
µF low frequency tantalum bypass capacitor in parallel with a 0.01 µF high frequency ceramic capacitor is recommended. Both should be located as close to the FTU-Type bias pin as is practical
3. Figure 1 defines these parameters. Figure 2 illustrates the equivalent TTL load and operating conditions under which these parameters are specified and tested.
Figure 1. Output Waveform
Figure 2. Output Test Conditions (25
±±5°C)
+
-
+
-
I
C
V
C
8
7
15pF
14
1
I
DD
1.83k
Ω
650
Ω
V
DD
0V
V
OH
V
S
V
OL
T
F
T
R
Period
On Time
14
8
1
7
Voltage Controlled Crystal Oscillator (VCXO)


Similar Part No. - FDVGIB

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FDV-1X PREMO-FDV-1X Datasheet
141Kb / 1P
IEC Connector Filter
FDV-1Z PREMO-FDV-1Z Datasheet
141Kb / 1P
IEC Connector Filter
FDV-3X PREMO-FDV-3X Datasheet
141Kb / 1P
IEC Connector Filter
FDV-3Z PREMO-FDV-3Z Datasheet
141Kb / 1P
IEC Connector Filter
FDV-6X PREMO-FDV-6X Datasheet
141Kb / 1P
IEC Connector Filter
More results

Similar Description - FDVGIB

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
7311D NDK-7311D Datasheet
77Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311E NDK-7311E Datasheet
79Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311F NDK-7311F Datasheet
78Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SA NDK-NV5032SA Datasheet
78Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SB NDK-NV5032SB Datasheet
309Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
NV7050SA NDK-NV7050SA_15 Datasheet
287Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
logo
TXC Corporation.
6U-SERIES TXC-6U-SERIES Datasheet
949Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO).
BJ-SERIES TXC-BJ-SERIES Datasheet
961Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO).
CJ-SERIES TXC-CJ-SERIES Datasheet
942Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO).
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com