Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSCS/T140AM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PSCS/T140AM
Description  Spiral Chip Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PSCS/T140AM Datasheet(HTML) 2 Page - Vishay Siliconix

  PSCS/T140AM Datasheet HTML 1Page - Vishay Siliconix PSCS/T140AM Datasheet HTML 2Page - Vishay Siliconix PSCS/T140AM Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: efi@vishay.com
Document Number: 61050
126
Revision: 14-Mar-08
PSC
Vishay Electro-Films
Spiral Chip Inductor
CONFIGURATIONS in inches
SCHEMATIC
0.004 DIA
0.050
0.050
TYPE S
DIA 0.008
0.050
0.050
5
DIA 0.008
2
1
3
4
TYPE T
TYPE S
1
2
34
5
TYPE T
MECHANICAL SPECIFICATIONS in inches
PARAMETER
Chip Size
0.050 x 0.050 ± 0.003 (1.32 x 1.32 ± 0.076 mm)
Chip Thickness
0.015 ± 0.002 (0.38 ± 0.05 mm)
Chip Substrate Material
99.6 alumina, quartz available
Bonding Pad Size
TYPE S 4 mil diameter typ.
TYPE T 8 mil diameter typ.
Pad Material
Gold
ORDERING INFORMATION
Example: PSC TYPE S, 140 nH, ± 10 %
P/N: PSC
S/T
TYPE
140
INDUCTANCE
VALUE
3 significant digits
0
MULTIPLIER
CODE
B = 0.01
A = 0.1
0 = 1
1 = 10
K
TOLERANCE
CODE
J = 5.0 %
K = 10 %
M = 20 %
L = 25 %



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com