| Electronic Components Datasheet Search |
|
TDA9112 Datasheet(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9112 Datasheet(HTML) 39 Page - STMicroelectronics |
|
39 / 51 page ![]() TDA9112 39/51 Figure 15. DC/DC converter controller block diagram 9.8 - MISCELLANEOUS 9.8.1 - Safety functions The safety functions comprise supply voltage monitoring with appropriate actions, soft start and soft stop features on H-drive and B-drive signals on HOut and BOut outputs and X-ray protection. For supply voltage supervision, refer to paragraph Power supply and voltage references on page 27 and Figure 1. A schematic diagram putting togeth- er all safety functions and composite PLL1 lock and V-blanking indication is in Figure 16. 9.8.2 - Soft start and soft stop functions For soft start and soft stop features for H-drive and B-drive signal, refer to paragraph Soft-start and soft-stop on H-drive on page 31 and subchapter DC/DC CONTROLLER SECTION on page 37, respectively. See also the Figure 10. Re- gardless why the H-drive or B-drive signal are switched on or off (I2C bus command, power up or down, X-ray protection), the signals always phase- in and phase-out in the way drawn in the figure, the first to phase-in and last to phase-out being the H-drive signal, which is to better protect the power stages at abrupt changes like switch-on and off. The timing of phase-in and phase-out only de- pends on the capacitance connected to HPosF pin which is virtually unlimited for this function. Yet it has a dual function (see paragraph PLL1 on page 28), so a compromise thereof is to be found. 9.8.3 - X-ray protection The X-ray protection is activated if the voltage lev- el on XRay input exceeds VThrXRay threshold. As a consequence, the H-drive and B-drive signals on HOut and BOut outputs are inhibited (switched off) after a 2-horizontal deflection line delay provided to avoid erratic excessive X-ray condition detec- tion at short parasitic spikes. The XRayAlarm I 2C bus flag is set to 1 to inform the MCU. This protection is latched; it may be reset either by VCC drop or by I 2C bus bit XRayReset(see chapter I2C BUS CONTROL REGISTER MAP). HDyCor C2 + - C4 BRegIn BComp BIsense BOut N type Soft start H-drive edge HDyCor sawtooth H-flyback + - + - + - C1 + - S Q R ~500ns Monostable HBOutEn P type VCC Feedback C3 sawtooth VThrBIsConf BOutPol (I2C) XRayAlarm (I2C) BOutPh (I2C) discharge HPosF VThrBIsCurr int. ext. int. ext. int. ext. External sawtooth configuration Internal sawtooth configuration (+delay) BOHEdge (I2C) 2R R VBReg S1 S2 I1 I2 I3 VC2 O1 VC1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |