Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7563 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7563
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7563 Datasheet HTML 1Page - STMicroelectronics TDA7563 Datasheet HTML 2Page - STMicroelectronics TDA7563 Datasheet HTML 3Page - STMicroelectronics TDA7563 Datasheet HTML 4Page - STMicroelectronics TDA7563 Datasheet HTML 5Page - STMicroelectronics TDA7563 Datasheet HTML 6Page - STMicroelectronics TDA7563 Datasheet HTML 7Page - STMicroelectronics TDA7563 Datasheet HTML 8Page - STMicroelectronics TDA7563 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
TDA7563
May 2003
s
DMOS POWER OUTPUT
s
NON-SWITCHING HI-EFFICIENCY
s
HIGH OUTPUT POWER CAPABILITY 4x28W/
4
Ω @ 14.4V, 1KHZ, 10% THD, 4x40W EIAJ
s
MAX. OUTPUT POWER 4x72W/2
Ω
s
FULL I2C BUS DRIVING:
–ST-BY
– INDEPENDENT FRONT/REAR SOFT PLAY/
MUTE
– SELECTABLE GAIN 30dB
– 16dB (FOR LOW NOISE LINE OUTPUT
FUNCTION)
– HIGH EFFICIENCY ENABLE/DISABLE
–I2C BUS DIGITAL DIAGNOSTICS
s
FULL FAULT PROTECTION
s
DC OFFSET DETECTION
s
FOUR INDEPENDENT SHORT CIRCUIT
PROTECTION
s
CLIPPING DETECTOR PIN WITH
SELECTABLE THRESHOLD (2%/10%)
s
ST-BY/MUTE PIN
s
LINEAR THERMAL SHUTDOWN
s
ESD PROTECTION
DESCRIPTION
The TDA7563 is a new BCD technology Quad
Bridge type of car radio amplifier in Flexiwatt27
package specially intended for car radio applica-
tions. Thanks to the DMOS output stage the
TDA7563 has a very low distortion allowing a clear
powerful sound. Among the features, its superior
efficiency performance coming from the internal ex-
clusive structure, makes it the most suitable device
to simplify the thermal management in high power
sets.The dissipated output power under average
listening condition is in fact reduced up to 50%
when compared to the level provided by conven-
tional class AB solutions.This device is equipped
with a full diagnostics array that communicates the
status of each speaker through the I2C bus.
ORDERING NUMBER: TDA7563
FLEXIWATT27
MULTIFUNCTION QUAD POWER AMPLIFIER
WITH BUILT-IN DIAGNOSTICS FEATURES
BLOCK DIAGRAM
Short Circuit
Protection &
Diagnostic
I2CBUS
Mute1 Mute2
Thermal
Protection
& Dump
Clip
Detector
IN LF
IN RR
IN RF
IN LR
VCC1
VCC2
CD_OUT
OUT RF+
OUT RF-
OUT RR+
OUT RR-
OUT LF+
OUT LF-
OUT LR+
OUT LR-
Short Circuit
Protection &
Diagnostic
Short Circuit
Protection &
Diagnostic
Short Circuit
Protection &
Diagnostic
16/30dB
Reference
CLK
DATA
SVR
AC_GND
TAB
S_GND
PW_GND
F
F
R
R
RF RR
LF
LR
ST-BY/MUTE
16/30dB
16/30dB
16/30dB
MULTIPOWER BCD TECHNOLOGY
MOSFET OUTPUT POWER STAGE


Similar Part No. - TDA7563

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7563A STMICROELECTRONICS-TDA7563A Datasheet
526Kb / 35P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
07-Feb-2008
TDA7563A STMICROELECTRONICS-TDA7563A Datasheet
841Kb / 35P
4 x 50 W power amplifier with high efficiency and built-in I2C diagnostic
03-Dec-2013
TDA7563AH STMICROELECTRONICS-TDA7563AH Datasheet
526Kb / 35P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
07-Feb-2008
TDA7563AH STMICROELECTRONICS-TDA7563AH Datasheet
841Kb / 35P
4 x 50 W power amplifier with high efficiency and built-in I2C diagnostic
03-Dec-2013
TDA7563APD STMICROELECTRONICS-TDA7563APD Datasheet
526Kb / 35P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
07-Feb-2008
More results

Similar Description - TDA7563

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Dec-2002
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Apr-2004
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
505Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics features
22-Jan-2007
TDA7566 STMICROELECTRONICS-TDA7566_06 Datasheet
395Kb / 28P
4x40W multifunction quad power amplifier with built-in diagnostics features
18-Dec-2006
TDA7562B STMICROELECTRONICS-TDA7562B Datasheet
454Kb / 30P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
01-Feb-2011
TDA7566 STMICROELECTRONICS-TDA7566_10 Datasheet
370Kb / 29P
4 x 40 W multifunction quad power amplifier with built-in diagnostics features
11-Oct-2010
TDA7562BEP STMICROELECTRONICS-TDA7562BEP Datasheet
635Kb / 34P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
04-Feb-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com