Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7500 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7500
Description  DIGITAL AM/FM SIGNAL PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7500 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7500 Datasheet HTML 2Page - STMicroelectronics TDA7500 Datasheet HTML 3Page - STMicroelectronics TDA7500 Datasheet HTML 4Page - STMicroelectronics TDA7500 Datasheet HTML 5Page - STMicroelectronics TDA7500 Datasheet HTML 6Page - STMicroelectronics TDA7500 Datasheet HTML 7Page - STMicroelectronics TDA7500 Datasheet HTML 8Page - STMicroelectronics TDA7500 Datasheet HTML 9Page - STMicroelectronics TDA7500 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NAME
TYPE
DESCRIPTION
58
CASALE
O
DSP DRAM Column Address Strobe (Output). When in DRAM
Mode this pin acts as the column address strobe.
59
SDO<2>/SRA<17>/DSP1_GPIO<8
>
O
SAI Outputs (Output)/EMI SRAM Address Line<17>
(Output)/General Purpose I/O (Input/Output). One stereo channel
SAI data output in SAI mode. EMI address line 17 in SRAM Mode.
Optionally it can be used as a general purpose I/O.
60
SDO<2>/SRA<18>/DSP1_GPIO<7
>
O
SAI Outputs (Output)/EMI SRAM Address Line<18>
(Output)/General Purpose I/O (Input/Output). One stereo channel
SAI data output in SAI mode. EMI address line 18 in SRAM Mode.
Optionally it can be used as a general purpose I/O.
61
SDO<0>/SRA<19>
O
SAI Output (Output)/EMI SRAM Address Line<19> (Output). One
stereo channel SAI data output in SAI mode. EMI address line 19
in SRAM Mode.
62
SDI<2>/SRA<20>/DSP1_GPIO<6>
I
SAI Input (Input)/EMI SRAM Address Line<20> (Output)/General
Purpose I/O (Input/Output). One stereo channel SAI data input in
SAI mode. EMI address line 20 in SRAM Mode. Optionally it can
be used as a general purpose I/O.
63
SDI<1>/SRA<21>/RAS/DSP1_GPIO<5>
I
SAI Input (Input)/EMI SRAM Address Line<21> (Output)/DRAM
Row Address Strobe (Output)/General Purpose I/O (Input/Output).
One stereo channel SAI data input in SAI mode. EMI address line
21 in SRAM Mode. When in DRAM Mode this pin acts as the row
address strobe. Optionally it can be used as a general purpose I/O.
64
SDI<0>/SRCCDC
I
SAI Input (Input)/SPDIF Input 3 (Input). One stereo channel SAI
data input in SAI mode. Stereo SPDIF input intended to connect a
digital audio source like a CD changer in SPDIF mode.
65
SCKT
I/O
SAI transmitter Bit Clock (Input/Output). SAI transmitter bit clock.
Master or slave.
66
LRCKT
I/O
SAI transmitter Left-Right Clock (Input/Output). SAI transmitter
Left-Right clock. Can be master or slave mode.
67
SCKR
I/O
SAI receiver Bit Clock (Input/Output). SAI receiver bit clock.
68
LRCKR
I/O
SAI receiver Left-Right Clock (Input/Output). SAI receiver Left-
Right clock.
69
DBOUT1/DSP1_GPIO10
I/O
Debug Port Serial Output (Input/Output)/ General Purpose I/O
(Input/Output). The serial data output for the Debug Port.
Optionally it can be used as a general purpose I/O.
70
DBIN1/OS10/DSP1_GPIO11
I/O
Debug Port Serial Input/Chip Status 0 (Input/Output)/ General
Purpose I/O (Input/Output). The serial data input for the Debug
Port is provided when an input. When an output, together with
OS1 provides information about the chip status. Optionally it can
be used as a general purpose I/O.
71
DBCK1/OS11/DSP1_GPIO9
I/O
Debug Port Bit Clock/Chip Status 1 (Input/Output)/General
Purpose I/O (Input/Output). The serial clock for the Debug Port is
provided when an input. When an output, together with OS0
provides information about the chip status. Optionally it can be
used as a general purpose I/O.
72
DBRQN1
I
Debug Port Request Input (Input). Means of entering the Debug
mode of operation.
73
DBOUT0/DSP0_GPIO10
I/O
Debug Port Serial Output (Input/Output)/ General Purpose I/O
(Input/Output). The serial data output for the Debug Port.
Optionally it can be used as a general purpose I/O.
74
DBIN0/OS00/DSP0_GPIO11
I/O
Debug Port Serial Input/Chip Status 0 (Input/Output)/ General
Purpose I/O (Input/Output). The serial data input for the Debug
Port is provided when an input. When an output, together with
OS1 provides information about the chip status. Optionally it can
be used as a general purpose I/O.
PIN DESCRIPTION (continued)
TDA7500
6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com