Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7442 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7442
Description  TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7442 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7442 Datasheet HTML 1Page - STMicroelectronics TDA7442 Datasheet HTML 2Page - STMicroelectronics TDA7442 Datasheet HTML 3Page - STMicroelectronics TDA7442 Datasheet HTML 4Page - STMicroelectronics TDA7442 Datasheet HTML 5Page - STMicroelectronics TDA7442 Datasheet HTML 6Page - STMicroelectronics TDA7442 Datasheet HTML 7Page - STMicroelectronics TDA7442 Datasheet HTML 8Page - STMicroelectronics TDA7442 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
TDA7442
TDA7442D
June 2004
1FEATURES
■
4 STEREO INPUTS
■
INPUT ATTENUATION CONTROL IN 0.5dB
STEP
■
TREBLE AND BASS CONTROL
■
TWO SURROUND MODE AVAILABLE WITH 4
SELECTABLE RESPONSES:
–MUSIC
– SIMULATED STEREO
■
TWO SPEAKER ATTENUATORS:
– 2 INDEPENDENT SPEAKER CONTROLS IN
1dB STEPS FOR BALANCE FACILITY
– INDEPENDENT MUTE FUNCTION
■
ALL FUNCTIONS PROGRAMMABLE VIA
SERIAL BUS
■
2 MONITOR OUTPUT (ONLY FOR TDA7442)
2DESCRIPTION
The TDA7442/42D is volume tone (bass and tre-
ble) balance (Left/Right) processors for quality au-
dio applications in TV and Hi-Fi systems.
It reproduces surround sound by using a program-
mable phase shifter. Control of all the functions is
accomplished by serial bus.
The AC signal setting is obtained by resistor net-
works and switches combined with operational
amplifiers.
Thanks to the BIPOLAR/CMOS Technology used,
Low Distortion, Low Noise and DC stepping are
obtained.
TONE CONTROL AND SURROUND
DIGITALLY CONTROLLED AUDIO PROCESSOR
Figure 2. Pin Connections (Top views)
L_IN3
L_IN4
MUXOUTL
IN(L)
MUXOUT(R)
BIN(R)
IN(R)
BOUT(R)
BIN(L)
1
3
2
4
5
6
7
8
9
BOUT(L)
LP
PS1
TREBLE(R)
TREBLE(L)
SCL
SDA
DIG-GND
CREF
23
22
21
20
19
17
18
16
15
D98AU948
10
11
12
13
14
28
27
26
25
24
R_IN3
R_IN2
R_IN1
L_IN1
L_IN2
VS
AGND
ROUT
LOUT
R_IN4
L-IN2
L-IN3
L-IN4
MUXOUT(L)
IN(L)
N.C.
MUXOUT(R)
IN(R)
BIN(R)
1
3
2
4
5
6
7
8
9
PS1
TREBLE-L
N.C.
DIGGND
TREBLE-R
SCL
SDA
CREF
VS
27
26
25
24
23
21
22
20
19
D01AU1247
10
11
12
13
14
32
31
30
29
28
R-IN2
R-IN1
MONITOR(L)
MONITOR(R)
L-IN1
AGND
R-OUT
L-OUT
R-IN4
R-IN3
BIN(L)
BOUT(L)
17
16
BOUT(R)
LP
18
15
SO28
SDIP32
Figure 1. Packages
Table 1. Order Codes
Part Number
Package
TDA7442
SDIP-32
TDA7442D
SO-28
TDA7442D013TR
Tape & Reel
SO-28
SDIP-32
REV. 2


Similar Part No. - TDA7442

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7440 STMICROELECTRONICS-TDA7440 Datasheet
212Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
REV. 3
TDA7440 STMICROELECTRONICS-TDA7440 Datasheet
738Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
30-Apr-2010
TDA7440D STMICROELECTRONICS-TDA7440D Datasheet
212Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
REV. 3
TDA7440D STMICROELECTRONICS-TDA7440D Datasheet
738Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
30-Apr-2010
TDA7440D013TR STMICROELECTRONICS-TDA7440D013TR Datasheet
738Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
30-Apr-2010
More results

Similar Description - TDA7442

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7440D STMICROELECTRONICS-TDA7440D Datasheet
212Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
REV. 3
TDA7449 STMICROELECTRONICS-TDA7449 Datasheet
128Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Apr-1999
TDA7463D STMICROELECTRONICS-TDA7463D Datasheet
151Kb / 11P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
May-2002
TDA7463AD STMICROELECTRONICS-TDA7463AD Datasheet
90Kb / 11P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7863D STMICROELECTRONICS-TDA7863D Datasheet
112Kb / 12P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7443D STMICROELECTRONICS-TDA7443D Datasheet
145Kb / 15P
TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR WITH AGC
Jul-2002
TDA7449 STMICROELECTRONICS-TDA7449_04 Datasheet
200Kb / 19P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7463A STMICROELECTRONICS-TDA7463A_1 Datasheet
123Kb / 12P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7463AD STMICROELECTRONICS-TDA7463AD_05 Datasheet
145Kb / 13P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-2005
TDA7440 STMICROELECTRONICS-TDA7440_10 Datasheet
741Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
30-Apr-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com