Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7421 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7421
Description  AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7421 Datasheet HTML 13Page - STMicroelectronics TDA7421 Datasheet HTML 14Page - STMicroelectronics TDA7421 Datasheet HTML 15Page - STMicroelectronics TDA7421 Datasheet HTML 16Page - STMicroelectronics TDA7421 Datasheet HTML 17Page - STMicroelectronics TDA7421 Datasheet HTML 18Page - STMicroelectronics TDA7421 Datasheet HTML 19Page - STMicroelectronics TDA7421 Datasheet HTML 20Page - STMicroelectronics TDA7421 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
ttim = (IFRC + 1) / fosc
tcnt = (CF + 1697) / fIF
FM mode
tcnt = (CF + 44) / fIF
AM mode
Counter result succeeded:
ttim > tcnt - terr and
ttim > tcnt + terr
Counter result failed:
ttim< tcnt + terr or
ttim > tcnt - terr
where:
ttim = IF time cycle time
tcnt = IF counter cycle time
terr = discrimination window (controlled by the EW
registers)
The precision of the measurements is adjustable
by controlling the discrimination window. This is
adjustable by programming the control registers
EW0...EW2.
The measurement time per cycle is adjustable by
setting the register IFS0 - IFS2.
The center frequency of the discrimination win-
dow is adjustable by the control register "CF0" to
"CF4". The available values are reported in dat-
abyte specification
I
2C BUS INTERFACE
General Description
The TDA7421 supports the I
2C bus protocol. This
protocol defines the devices sending data into the
bus as transmitter and the receiving device as the
receiver.
The device that controls the transfer is a master
and the device being controlled is the slave. The
master will always initiates data transfer and pro-
vide the clock to transmit or receive operations.
Data Transition
Data transition on the SDA line must only occur
when the clock SCL is low. SDA transitions while
SCL is high will be interpreted as START or
STOP condition.
Start Condition
Phase Comparator
ttim
tcnt -tERR
succeeded
tcnt +tERR
failed
failed
D96AU551
TDA7421
17/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com