Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7393 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7393
Description  2 x 32W DUAL BRIDGE CAR RADIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7393 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7393 Datasheet HTML 1Page - STMicroelectronics TDA7393 Datasheet HTML 2Page - STMicroelectronics TDA7393 Datasheet HTML 3Page - STMicroelectronics TDA7393 Datasheet HTML 4Page - STMicroelectronics TDA7393 Datasheet HTML 5Page - STMicroelectronics TDA7393 Datasheet HTML 6Page - STMicroelectronics TDA7393 Datasheet HTML 7Page - STMicroelectronics TDA7393 Datasheet HTML 8Page - STMicroelectronics TDA7393 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDA7393
2 x 32W DUAL BRIDGE CAR RADIO AMPLIFIER
HIGH OUTPUT POWER CAPABILITY:
2 x 35W max./4
Ω
2 x 32W EIAJ/4
Ω
2 x 22W typ./4
Ω @ 14.4V, 1KHz, 10%
2 x 19W typ./4
Ω @ 13.2V, 1KHz, 10%
2 x 28W typ./2
Ω @ 14.4V, 1KHz, 10%
2 x 25W typ./2
Ω @ 13.2V, 1KHz, 10%
LOW DISTORTION
LOW OUTPUT NOISE
ST-BY FUNCTION
MUTE FUNCTION
AUTO-MUTE AT MIN. SUPPLY VOLTAGE
DETECTION
LOW EXTERNAL COMPONENT COUNT
– INTERNALLY FIXED GAIN (32dB)
– NO EXTERNAL COMPENSATION
– NO BOOTSTRAP CAPACITORS
ADDITIONAL MONO INPUT
PROTECTIONS:
OUTPUT AC/DC SHORT CIRCUIT TO GND
AND TO VS
VERY INDUCTIVE LOADS
OVERRATING CHIP TEMPERATURE WITH
SOFT THERMAL LIMITER
LOAD DUMP VOLTAGE
FORTUITOUS OPEN GND
REVERSE BATTERY
ESD PROTECTION
DESCRIPTION
The TDA7393 is a new technology class AB
Audio Power Amplifier in Multiwatt15 package de-
signed for high end car radio applications. Thanks
to the fully complementary PNP/NPN output con-
figuration the high power performances of the
TDA7393 are obtained without bootstrap capaci-
tors. The extremely reduced components count
October 1998
®
MULTIWAT T15
ORDERING NUMBER: TDA7393
BLOCK DIAGRAM
1/9


Similar Part No. - TDA7393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7391 STMICROELECTRONICS-TDA7391 Datasheet
114Kb / 8P
35W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7391 STMICROELECTRONICS-TDA7391 Datasheet
421Kb / 13P
35 W bridge car radio amplifier
18-Sep-2013
logo
List of Unclassifed Man...
TDA7391LV ETC2-TDA7391LV Datasheet
2Mb / 2P
power amplifiers moving to the green zone
logo
STMicroelectronics
TDA7391LV STMICROELECTRONICS-TDA7391LV Datasheet
561Kb / 23P
40 W bridge car radio amplifier with low voltage operation
01-Dec-2014
TDA7391LVPD STMICROELECTRONICS-TDA7391LVPD Datasheet
561Kb / 23P
40 W bridge car radio amplifier with low voltage operation
01-Dec-2014
More results

Similar Description - TDA7393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7374B STMICROELECTRONICS-TDA7374B Datasheet
171Kb / 13P
DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7391PD STMICROELECTRONICS-TDA7391PD Datasheet
80Kb / 8P
32W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7394 STMICROELECTRONICS-TDA7394 Datasheet
335Kb / 7P
2 x 30W DUAL BRIDGE CAR RADIO AMPLIFIER
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
TDA7374 STMICROELECTRONICS-TDA7374_08 Datasheet
360Kb / 19P
Dual bridge audio amplifier for car radio
30-Jun-2008
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com