Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6764 Datasheet(PDF) 17 Page - STMicroelectronics

Part # 6764
Description  AUDIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

6764 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button 6764 Datasheet HTML 13Page - STMicroelectronics 6764 Datasheet HTML 14Page - STMicroelectronics 6764 Datasheet HTML 15Page - STMicroelectronics 6764 Datasheet HTML 16Page - STMicroelectronics 6764 Datasheet HTML 17Page - STMicroelectronics 6764 Datasheet HTML 18Page - STMicroelectronics 6764 Datasheet HTML 19Page - STMicroelectronics 6764 Datasheet HTML 20Page - STMicroelectronics 6764 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
1.1 Trigger Path
The incoming MPX signal is highpass-filtered,
amplified and rectified (block RECT-PEAK).
The second order highpass-filter has a corner-fre-
quency of 140KHz.
The rectifier signal, RECT, is used to generate by
peak-rectification a signal called PEAK, which is
available at the PEAK pin.
Also noise with a frequency >100KHz increases
the PEAK voltage. The value of the PEAK voltage
influences the trigger threshold voltage Vth (block
ATC).
Both signals, RECT and PEAK+Vth are fed to a
comparator (block PEAK-COMP) which outputs a
sawtooth-shaped waveform at the TBLANK pin. A
second comparator (block BLANK-COMP) forms
the internal blanking duration of 40
µs.
The noise blanker is supplied by his own biasing
circuit (block BIAS-MONO).
1.2 Automatic Noise Controlled Threshold
Control (ATC)
The are two independent possibilities for pro-
gramming the trigger threshold:
a)the minimum threshold in 8 steps (bits D6, D5
of the STD-byte and bit D5 of the SPKR_LF
byte)
b)and the noise adjusted threshold in 4 steps
(bits D6, D5of the SPKR_LF byte, (see fig.5)
The minimum threshold is used in combination
with a good MPX signal without any noise.
The sensitivity in this operation is high, depending
only on the programmed ”minimum trigger thresh-
old”, bits NTB of the noise blanker byte 1.
It is independent of the PEAK voltage.
If the MPX signal is noisy (low fieldstrength) the
PEAK signal increases due to the higher noise,
which is also rectified (see part 1.1).
With increasing of the PEAK voltage the trigger
threshold voltage increases, too. This particular
gain is programmable in 4 steps (see fig.2).
1.3 Automatic Threshold Control by the
Stereoblend voltage (ATC-SB)
Besides the noise controlled threshold adjustment
there is an additional possibility for influencing the
trigger. It is controlled by the difference between
Vsb and Vr, similar to the Stereoblend. The rea-
son for implementing such a second control will
be explained in the following:
The point where the MPX signal starts to become
noisy is fixed by the RF part. Therefore also the
starting point of the normal noise controlled trig-
ger adjustment is fixed (fig.6).
But in some cases the behaviour of the noise-
blanker can be improved by increasing the
threshold even in a region of higher fieldstrength,
for the MPX signal often shows distortion in this
range.
Because of the overlap of this range and the
range of the stereo/mono transition it can be con-
trolled by Vsb and Vr.
This threshold increase is programmable in 3
steps or switched off (see fig.6).
1.4 Over Deviation Detector (MPX-RECT)
Sometimes when listening to stations with a
higher deviation than 75KHz the noiseblanker
triggers on the high frequency modulation.
To avoid this blanking, which causes noise in the
output signal, the noiseblanker offers a deviation-
dependent threshold adjustment.
By rectifying the MPX signal a further signal rep-
resenting the actual deviation is obtained. It is
used to increase the PEAK voltage.
Offset and gain of this circuit are programmable in
3 steps (the first step turns off the detector, see
fig.7).
1.5 Blend Mode
Another possibility to avoid a disturbing triggering
on modulation is to use the spikes on the field-
strength signal (LEVEL pin).
But in the range of higher fieldstrength the signal
saturates and no more spike detection is possi-
ble. For this reason the TDA7340G offers the
”BLEND MODE”. When ”BLEND MODE” is acti-
vated a smooth transition between the LEVEL-
and the MPX-signal is used to detect the spikes
either on LEVEL or on MPX.
In the lower fieldstrength range mainly the
LEVEL-signal is used whereas in the higher
range mainly the MPX is used. This switching is
controlled also by the normal Stereoblend signal
to avoid additional pins.
With ”BLEND MODE OFF” both signals are used
to detect spikes in the whole fieldstrength range.
1.6 Input Mode
The NB of TDA7340G offers two input modes.
The first one uses the internal trigger path and
optional the LEVEL input. But the TDA7340G of-
fers also an external trigger mode.
During this mode the internal MPX trigger path is
disabled whereas the high pass at the LEVEL pin
is bypassed.
By using an external highpass at the LEVEL-pin
one can adjust the NB’s behaviour to the desired
one.
TDA7340G
17/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com