| Electronic Components Datasheet Search |
|
M38C30ECMXXXFS Datasheet(PDF) 61 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38C30ECMXXXFS Datasheet(HTML) 61 Page - Renesas Technology Corp |
|
61 / 224 page ![]() 1-46 38C3 Group User’s Manual HARDWARE FUNCTIONAL DESCRIPTION SUPPLEMENT Interrupt 38C3 group permits interrupts on the basis of 16 sources. It is vector interrupts with a fixed priority system. Accordingly, when two or more interrupt requests occur during the same sampling, the Table 14 Interrupt sources, vector addresses and interrupt priority FUNCTIONAL DESCRIPTION SUPPLEMENT higher-priority interrupt is accepted first. This priority is determined by hardware, but various priority processing can be performed by software, using an interrupt enable bit and an interrupt disable flag. For interrupt sources, vector addresses and interrupt priority, refer to Table 14. Interrupt Source Reset (Note 2) INT0 INT1 INT2 Serial I/O Timer A Timer 1 Timer 2 Timer 3 Timer 4 Timer 5 Timer 6 CNTR0 CNTR1 Key input (Key- on wake-up) A-D conversion BRK instruction Priority 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 Vector Addresses (Note 1) High FFFD16 FFFB16 FFF916 FFF716 FFF516 FFF316 FFF116 FFEF16 FFED16 FFEB16 FFE916 FFE716 FFE516 FFE316 FFE116 FFDF16 FFDD16 Interrupt Request Generating Conditions At reset At detection of either rising or falling edge of INT0 input At detection of either rising or falling edge of INT1 input At detection of either rising or falling edge of INT2 input At completion of serial I/O data transmit/re- ceive At timer A underflow At timer 1 underflow At timer 2 underflow At timer 3 underflow At timer 4 underflow At timer 5 underflow At timer 6 underflow At detection of either rising or falling edge of CNTR0 input At detection of either rising or falling edge of CNTR1 input At falling of port P8 (at input) input logical level AND At completion of A-D conversion At BRK instruction execution Remarks Non-maskable External interrupt (active edge selectable) External interrupt (active edge selectable) External interrupt (active edge selectable) Valid when serial I/O is selected STP release timer underflow External interrupt (active edge selectable) External interrupt (active edge selectable) External interrupt (falling valid) Valid when A-D conversion interrupt is selected Non-maskable software interrupt Low FFFC16 FFFA16 FFF816 FFF616 FFF416 FFF216 FFF016 FFEE16 FFEC16 FFEA16 FFE816 FFE616 FFE416 FFE216 FFE016 FFDE16 FFDC16 Notes 1: Vector addresses contain interrupt jump destination addresses. 2: Reset function in the same way as an interrupt with the highest priority. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |