Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALSECA00AG247LARK Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MALSECA00AG247LARK
Description  Aluminum Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALSECA00AG247LARK Datasheet(HTML) 1 Page - Vishay Siliconix

  MALSECA00AG247LARK Datasheet HTML 1Page - Vishay Siliconix MALSECA00AG247LARK Datasheet HTML 2Page - Vishay Siliconix MALSECA00AG247LARK Datasheet HTML 3Page - Vishay Siliconix MALSECA00AG247LARK Datasheet HTML 4Page - Vishay Siliconix MALSECA00AG247LARK Datasheet HTML 5Page - Vishay Siliconix MALSECA00AG247LARK Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25018
278
Revision: 05-Jun-08
ECA
Vishay Roederstein
Aluminum Capacitors
FEATURES
• Polarized aluminum electrolytic capacitors
• SMD style
• High CU-product
• Miniature dimension
• Reflow soldering
• RoHS compliant
APPLICATIONS
• General use
• Consumer electronics
• Low-headroom, height restricted low mass units
• Filtering, smoothing, coupling
PACKAGING
• Supplied in blister tape
QUICK REFERENCE DATA
DESCRIPTION
UNIT
VALUE
Nominal case size (Ø D x L )
mm
4 x 5.3 to 12.5 x 13.5
Rated capacitance range CR
µF
0.10 to 2200
Capacitance tolerance
%
± 20
Rated voltage range
V
6.3 to 100
Category temperature range
°C
- 40 to + 85
Load life
h
2000
Based on sectional
specification
IEC 60384-4/EN 130300
Climatic category
IEC 60068
40/105/56
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
RATED VOLTAGE (V)
6.3
1016
253550
63
100
0.10
→→→
→→
4 x 5.3
-
-
0.22
→→→
→→
4 x 5.3
-
-
0.33
→→→
→→
4 x 5.3
-
-
0.47
→→→
→→
4 x 5.3
-
-
1.0
→→→
→→
4 x 5.3
-
-
2.2
→→→
→→
4 x 5.3
→
5 x 5.3
3.3
→→→
→→
4 x 5.3
→
6.3 x 5.8
4.7
→→→
→→
5 x 5.3
→
6.3 x 5.8
10
→→→
→
4 x 5.3
5 x 5.3
6.3 x 5.8
8 x 10
22
→→→
5 x 5.3
→
6.3 x 5.3
8 x 6.2
8 x 10
33
→→→
5 x 5.3
6.3 x 5.3
6.3 x 7.7
8 x 10
10 x 10
47
→→
5 x 5.3
6.3 x 5.3
8 x 6.2
8 x 10
→
10 x 10
68
→→→
→→
→→
12.5 x 13.5
100
5 x 5.3
→
6.3 x 5.3
8 x 6.2
8 x 10
10 x 10
→
12.5 x 13.5
220
→
8 x 6.2
6.3 x 7.7
8 x 10
→
10 x 10
12.5 x 13.5
-
330
6.3 x 7.7
→
8 x 10
→
10 x 10
12.5 x 13.5
-
-
470
→
8 x 10
→
10 x 10
12.5 x 13.5
-
-
-
1000
8 x 10
10 x 10
→
12.5 x 13.5
-
-
-
-
1500
10 x 10
→
12.5 x 13.5
-
-
-
-
-
2200
→
12.5 x 13.5
-
-
-
-
-
-


Similar Part No. - MALSECA00AG247LARK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALSECB00AD222HARK VISHAY-MALSECB00AD222HARK Datasheet
86Kb / 5P
Aluminum Capacitors
05-Jun-08
MALSECB00AD233FARK VISHAY-MALSECB00AD233FARK Datasheet
86Kb / 5P
Aluminum Capacitors
05-Jun-08
MALSECB00AD247FARK VISHAY-MALSECB00AD247FARK Datasheet
86Kb / 5P
Aluminum Capacitors
05-Jun-08
MALSECB00AD310DARK VISHAY-MALSECB00AD310DARK Datasheet
86Kb / 5P
Aluminum Capacitors
05-Jun-08
MALSECB00AF310FARK VISHAY-MALSECB00AF310FARK Datasheet
86Kb / 5P
Aluminum Capacitors
05-Jun-08
More results

Similar Description - MALSECA00AG247LARK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
630D VISHAY-630D Datasheet
87Kb / 1P
Aluminum Capacitors Electrolytics
17-Feb-03
ECB VISHAY-ECB Datasheet
86Kb / 5P
Aluminum Capacitors
05-Jun-08
ECL VISHAY-ECL Datasheet
86Kb / 5P
Aluminum Capacitors
17-Jul-08
ECV VISHAY-ECV Datasheet
87Kb / 5P
Aluminum Capacitors
13-Nov-08
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
Aluminum Capacitors Aluminum Capacitors
18-Aug-08
ECA VISHAY-ECA_12 Datasheet
92Kb / 6P
Aluminum Capacitors
18-Oct-12
ECL VISHAY-ECL_12 Datasheet
90Kb / 5P
Aluminum Capacitors
18-Oct-12
ECV VISHAY-ECV_12 Datasheet
90Kb / 5P
Aluminum Capacitors
18-Oct-12
logo
Nichicon corporation
UCD1E471MNL1GS NICHICON-UCD1E471MNL1GS Datasheet
59Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
Vishay Siliconix
515D476M050AA6AE3 VISHAY-515D476M050AA6AE3 Datasheet
102Kb / 9P
Aluminum Capacitors
12-Jun-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com