Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALSECA00AG333FARK Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MALSECA00AG333FARK
Description  Aluminum Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALSECA00AG333FARK Datasheet(HTML) 5 Page - Vishay Siliconix

  MALSECA00AG333FARK Datasheet HTML 1Page - Vishay Siliconix MALSECA00AG333FARK Datasheet HTML 2Page - Vishay Siliconix MALSECA00AG333FARK Datasheet HTML 3Page - Vishay Siliconix MALSECA00AG333FARK Datasheet HTML 4Page - Vishay Siliconix MALSECA00AG333FARK Datasheet HTML 5Page - Vishay Siliconix MALSECA00AG333FARK Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25018
282
Revision: 05-Jun-08
ECA
Vishay Roederstein
Aluminum Capacitors
LOW TEMPERATURE BEHAVIOR (at 120 Hz)
IMPEDANCE RATIO
(Z) T2/(Z) T1
RATED VOLTAGE (V)
T2/T1
6.3
101625
355063
100
- 25 °C/+ 20 °C
54
32
222
2
- 40 °C/+ 20 °C
10
8
6
4
3
3
3
3
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Current
Leakage current
(Test conditions: UR, 20 °C)
After 2 min at UR
IL2 ≤ 0.01 x CR x UR
or 3 µA
for UR ≤ 100 V (whichever is greater)
Resistance
Equivalent series resistance
(ESR)
Calculated from tan
δ
max.
ESR = tan
δ/2 π f C
R
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
IR MULTIPLIER FOR UR ≤ 100 V
50
0.70
120
1.00
300
1.17
1000
1.36
≥ 10 000
1.50
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE (QUICK REFERENCE)
REQUIREMENTS
Load life
Tamb = 85 °C
UR and IR applied
After 2000 h
ΔC/C: ± 20 % of initial value
IL ≤ spec. limit
tan
δ ≤ 2 x spec. limit
Shelf life
No voltage applied
After 1000 h
After test: UR to be applied for 30 min
24 to 48 h before measurement
ΔC/C: ± 20 % of initial value
IL ≤ spec. limit
tan
δ ≤ 2 x spec. limit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com