Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALSECL00AG347DARK Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MALSECL00AG347DARK
Description  Aluminum Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALSECL00AG347DARK Datasheet(HTML) 3 Page - Vishay Siliconix

  MALSECL00AG347DARK Datasheet HTML 1Page - Vishay Siliconix MALSECL00AG347DARK Datasheet HTML 2Page - Vishay Siliconix MALSECL00AG347DARK Datasheet HTML 3Page - Vishay Siliconix MALSECL00AG347DARK Datasheet HTML 4Page - Vishay Siliconix MALSECL00AG347DARK Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 25020
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 17-Jul-08
289
ECL
Aluminum Capacitors
Vishay Roederstein
REFLOW SOLDERING CONDITIONS FOR SMD ALUMINUM ELECTROLYTIC CAPACITORS
35
33
6.3 x 5.8
0.12
0.44
230
0.30
MALSECL00AD233FARK
47
6.3 x 5.8
0.12
0.44
230
0.30
MALSECL00AD247FARK
68
8 x 6.2
0.12
0.26
300
0.55
MALSECL00AE268FARK
100
8 x 10
0.12
0.17
450
1.00
MALSECL00AF310FARK
220
10 x 10
0.12
0.09
670
1.21
MALSECL00AG322FARK
50
10
6.3 x 5.8
0.12
0.88
165
0.30
MALSECL00AD210HARK
22
6.3 x 5.8
0.12
0.88
165
0.30
MALSECL00AD222HARK
33
8 x 6.2
0.12
0.63
300
0.55
MALSECL00AE233HARK
47
8 x 6.2
0.12
0.63
300
0.55
MALSECL00AE247HARK
68
8 x 10
0.12
0.34
450
1.00
MALSECL00AF268HARK
100
10 x 10
0.12
0.18
670
1.21
MALSECL00AG310HARK
PROFILE FEATURE
SOLDERING CONDITION
Ø 4 ~ Ø 10
Ø 12.5
Ø 16
Average ramp-up rate (TL to TP)
3 °C/s max.
3 °C/s max.
Preheat
Temperature min. (Ts min.)
150 °C
150 °C
Temperature max. (Ts max.)
200 °C
200 °C
Time (Ts min. to Ts max.)
60 ~ 150 s
40 ~ 120 s
40 ~ 100 s
Ts max. to TL
Ramp-up rate
3 °C/s max.
3 °C/s max.
Time maintained above
Temperature (TL)
217 °C
217 °C
Time (tL)
60 ~ 90 s
40 ~ 60 s
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
DIMENSIONS
DxL
(mm)
tan
δ
120 Hz
Z
100 kHz/
20 °C
(
Ω)
IR
100 kHz/
105 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
Ramp-up
Ramp-down
T
s min.
T
s max.
t
s
Preheat
tP
tL
TP
Critical Zone
TL to TP
t 25 °C to Peak
Time
TL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com