Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALSECL00AG368CARK Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MALSECL00AG368CARK
Description  Aluminum Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALSECL00AG368CARK Datasheet(HTML) 2 Page - Vishay Siliconix

  MALSECL00AG368CARK Datasheet HTML 1Page - Vishay Siliconix MALSECL00AG368CARK Datasheet HTML 2Page - Vishay Siliconix MALSECL00AG368CARK Datasheet HTML 3Page - Vishay Siliconix MALSECL00AG368CARK Datasheet HTML 4Page - Vishay Siliconix MALSECL00AG368CARK Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25020
288
Revision: 17-Jul-08
ECL
Vishay Roederstein
Aluminum Capacitors
Note
Unless
otherwise
specified,
all
electrical
values
apply
at
Tamb =20 °C, P = 86 to 100 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
ECL 22 µF/50 V, ± 20 %, size 6.3 x 5.8 mm
Ordering code: MALSECL00AD222HARK
For Standard Packaging Quantity (SPQ) and Minimum Order
Quantity (MOQ) please refer to our price list or contact
customer service.
DIMENSIONS in millimeters
CASE SIZE
CODE
D ±
α
L ±
α
A ±
α
B ±
α
C ±
α
E ±
α
RN
P
AD
6.3 ± 0.5
5.8 ± 0.3
2.4 ± 0.2
6.6 ± 0.2
6.6 ± 0.2
2.2 ± 0.2
0.5 ~ 0.8
0.3
0.5
BM
6.3 ± 0.5
7.7 ± 0.4
2.4 ± 0.2
6.6 ± 0.2
6.6 ± 0.2
2.2 ± 0.2
0.5 ~ 0.8
0.3
0.5
AE
8 ± 0.5
6.2 ± 0.4
3.3 ± 0.2
8.3 ± 0.2
8.3 ± 0.2
2.3 ± 0.2
0.5 ~ 0.8
0.3
0.5
AF
8 ± 0.5
10 ± 0.5
2.9 ± 0.2
8.3 ± 0.2
8.3 ± 0.2
3.1 ± 0.2
0.8 ~ 1.1
0.3
0.5
AG
10 ± 0.5
10 ± 0.5
3.2 ± 0.2
10.3 ± 0.2
10.3 ± 0.2
4.5 ± 0.2
0.8 ~ 1.1
0.3
0.5
AH
12.5 ± 0.5
13.5 ± 0.5
4.6 ± 0.2
12.8 ± 0.2
12.8 ± 0.2
4.5 ± 0.2
1.1 ~ 1.4
0.3
0.5
C ±
α
Capacitance
Lot no.
Voltage
Plastic plateform
L ±
α
E ±
α
N max.
P max.
R
Positive
Negative
-
+
-
+
ELECTRICAL DATA
SYMBOL
DESCRIPTION
UR
rated voltage
CR
rated capacitance at 120 Hz
tan
δ
max. dissipation factor at 120 Hz
RESR
max. equivalent series resistance at 120 Hz
IR
rated alternating current at 120 Hz and upper
catagory temperature
Z
max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
DIMENSIONS
Dx L
(mm)
tan
δ
120 Hz
Z
100 kHz/
20 °C
(
Ω)
IR
100 kHz/
105 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
6.3
220
6.3 x 5.8
0.24
0.44
230
0.30
MALSECL00AD322BARK
330
8 x 6.2
0.24
0.26
300
0.55
MALSECL00AE333BARK
1000
10 x 10
0.24
0.09
670
1.21
MALSECL00AG410BARK
1500
10 x 10
0.24
0.09
670
1.21
MALSECL00AG415BARK
10
220
6.3 x 7.7
0.19
0.34
280
0.40
MALSECL00BM322CARK
470
8 x 10
0.19
0.17
450
1.00
MALSECL00AF347CARK
680
10 x 10
0.19
0.09
670
1.21
MALSECL00AG368CARK
16
100
6.3 x 5.8
0.16
0.44
230
0.30
MALSECL00AD310DARK
220
8 x 6.2
0.16
0.26
300
0.55
MALSECL00AE322DARK
330
8 x 10
0.16
0.17
450
1.00
MALSECL00AF333DARK
470
10 x 10
0.16
0.09
670
1.21
MALSECL00AG347DARK
25
68
6.3 x 5.8
0.14
0.44
230
0.30
MALSECL00AD268EARK
100
8 x 6.2
0.14
0.26
300
0.55
MALSECL00AE310EARK
220
8 x 10
0.14
0.17
450
1.00
MALSECL00AF322EARK



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com