Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX1663 Datasheet(PDF) 794 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 794 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 790Page - Renesas Technology Corp H8SX1663 Datasheet HTML 791Page - Renesas Technology Corp H8SX1663 Datasheet HTML 792Page - Renesas Technology Corp H8SX1663 Datasheet HTML 793Page - Renesas Technology Corp H8SX1663 Datasheet HTML 794Page - Renesas Technology Corp H8SX1663 Datasheet HTML 795Page - Renesas Technology Corp H8SX1663 Datasheet HTML 796Page - Renesas Technology Corp H8SX1663 Datasheet HTML 797Page - Renesas Technology Corp H8SX1663 Datasheet HTML 798Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 794 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 742 of 1102
REJ09B0294-0100
Start transmission
Transmission
[1]
No
No
No
Yes
Yes
Yes
Read TEND flag in SSR
Make transition to
software standby mode
Cancel software standby mode
TE = 0
Initialization
TE = 1
[2]
[3]
All data transmitted?
Change operating mode?
TEND = 1
[1] Data being transmitted is lost
halfway. Data can be normally
transmitted from the CPU by
setting the TE bit to 1, reading
SSR, writing to TDR, and
clearing the TDRE bit to 0 after
clearing software standby mode;
however, if the DTC has been
activated, the data remaining in
the DTC will be transmitted when
both the TE and TIE bits are set
to 1.
[2] Clear the TIE and TEIE bits to 0
when they are 1.
[3] Setting of the module stop state
is included.
Figure 15.39 Sample Flowchart for Software Standby Mode Transition during
Transmission
TE bit
SCK*
output pin
TxD
output pin
Note: * Not output in SCI_5, 6.
Port
input/output
Port input/output
Port
input/output
Start
Stop
High output
High output
Transmission start
Transmission end
Transition to
software standby
mode
Software standby
mode canceled
SCI TxD output
Port
Port
SCI
TxD output
Figure 15.40 Port Pin States during Software Standby Mode Transition
(Internal Clock, Asynchronous Transmission)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com