Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX1663 Datasheet(PDF) 754 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 754 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 750Page - Renesas Technology Corp H8SX1663 Datasheet HTML 751Page - Renesas Technology Corp H8SX1663 Datasheet HTML 752Page - Renesas Technology Corp H8SX1663 Datasheet HTML 753Page - Renesas Technology Corp H8SX1663 Datasheet HTML 754Page - Renesas Technology Corp H8SX1663 Datasheet HTML 755Page - Renesas Technology Corp H8SX1663 Datasheet HTML 756Page - Renesas Technology Corp H8SX1663 Datasheet HTML 757Page - Renesas Technology Corp H8SX1663 Datasheet HTML 758Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 754 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 702 of 1102
REJ09B0294-0100
15.4.4
SCI Initialization (Asynchronous Mode)
Before transmitting and receiving data, first clear the TE and RE bits in SCR to 0, then initialize
the SCI as described in a sample flowchart in figure 15.8 When the operating mode, transfer
format, etc., is changed, the TE and RE bits must be cleared to 0 before making the change. When
the TE bit is cleared to 0, the TDRE flag is set to 1. Note that clearing the RE bit to 0 does not
initialize the RDRF, PER, FER, and ORER flags, or RDR. When the external clock is used in
asynchronous mode, the clock must be supplied even during initialization.
Wait
<Initialization completion>
Start initialization
Set data transfer format in
SMR and SCMR
[2]
Set CKE1 and CKE0 bits in SCR
(TE and RE bits are 0)
No
Yes
Set value in BRR
Set corresponding bit in ICR to 1
[3]
[4]
Set TE or RE bit in
SCR to 1, and set RIE, TIE, TEIE,
and MPIE bits
[5]
1-bit interval elapsed
[1]
Set the bit in ICR for the corresponding
pin when receiving data or using an
external clock.
[2]
Set the clock selection in SCR.
Be sure to clear bits RIE, TIE, TEIE, and
MPIE, and bits TE and RE, to 0.
When the clock output is selected in
asynchronous mode, the clock is output
immediately after SCR settings are
made.
[3]
Set the data transfer format in SMR and
SCMR.
[4]
Write a value corresponding to the bit
rate to BRR. This step is not necessary
if an external clock is used.
[5]
Wait at least one bit interval, then set the
TE bit or RE bit in SCR to 1. Also set
the RIE, TIE, TEIE, and MPIE bits.
Setting the TE and RE bits enables the
TxD and RxD pins to be used.
[1]
Clear TE and RE bits in SCR to 0
Figure 15.8 Sample SCI Initialization Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com