Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX1663 Datasheet(PDF) 624 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 624 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 620Page - Renesas Technology Corp H8SX1663 Datasheet HTML 621Page - Renesas Technology Corp H8SX1663 Datasheet HTML 622Page - Renesas Technology Corp H8SX1663 Datasheet HTML 623Page - Renesas Technology Corp H8SX1663 Datasheet HTML 624Page - Renesas Technology Corp H8SX1663 Datasheet HTML 625Page - Renesas Technology Corp H8SX1663 Datasheet HTML 626Page - Renesas Technology Corp H8SX1663 Datasheet HTML 627Page - Renesas Technology Corp H8SX1663 Datasheet HTML 628Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 624 / 1158 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev.1.00 Jun. 07, 2006 Page 572 of 1102
REJ09B0294-0100
(4) Status Flag Clearing Timing
After a status flag is read as 1 by the CPU, it is cleared by writing 0 to it. When the DTC or
DMAC is activated, the flag is cleared automatically. Figure 10.42 shows the timing for status flag
clearing by the CPU, and figures 10.43 and 10.44 show the timing for status flag clearing by the
DTC or DMAC.
Status flag
P
φ
Interrupt request
signal
Address
Write
T
1
T
2
TSR address
TSR write cycle
Figure 10.42 Timing for Status Flag Clearing by CPU
The status flag and interrupt request signal are cleared in synchronization with P
φ after the DTC or
DMAC transfer has started, as shown in figure 10.43. If conflict occurs for clearing the status flag
and interrupt request signal due to activation of multiple DTC or DMAC transfers, it will take up
to five clock cycles (P
φ) for clearing them, as shown in figure 10.44. The next transfer request is
masked for a longer period of either a period until the current transfer ends or a period for five
clock cycles (P
φ) from the beginning of the transfer. Note that in the DTC transfer, the status flag
may be cleared during outputting the destination address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com